Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 15Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 16Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 17Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 18Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 19Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 20Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 21Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 22Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
19
Delay compensation and other functions in the CE code require the settings for MUX_DIV[3:0],
MUXx_SEL[3:0], RMT_E, FIR_LEN[1:0], ADC_DIV and PLL_FAST to be fixed for a given CE code.
Refer to Table 1 and Table 2 for the settings that are applicable to the 71M6541D/F/G and
71M6542F/G.
Table 4 summarizes the I/O RAM registers used for configuring the multiplexer, signals pins, and ADC.
All listed registers are 0 after reset and wake from battery modes, and are readable and writable.
Table 4: Multiplexer and ADC Configuration Bits
Name
Location
Description
MUX0_SEL[3:0]
2105[3:0]
Selects the ADC input converted during time slot 0.
MUX1_SEL[3:0]
2105[7:4]
Selects the ADC input converted during time slot 1.
MUX2_SEL[3:0]
2104[3:0]
Selects the ADC input converted during time slot 2.
MUX3_SEL[3:0]
2104[7:4]
Selects the ADC input converted during time slot 3.
MUX4_SEL[3:0]
2103[3:0]
Selects the ADC input converted during time slot 4.
MUX5_SEL[3:0]
2103[7:4]
Selects the ADC input converted during time slot 5.
MUX6_SEL[3:0]
2102[3:0]
Selects the ADC input converted during time slot 6.
MUX7_SEL[3:0]
2102[7:0]
Selects the ADC input converted during time slot 7.
MUX8_SEL[3:0]
2101[3:0]
Selects the ADC input converted during time slot 8.
MUX9_SEL[3:0]
2101[7:0]
Selects the ADC input converted during time slot 9.
MUX10_SEL[3:0]
2100[3:0]
Selects the ADC input converted during time slot 10.
ADC_DIV
2200[5]
Controls the rate of the ADC and FIR clocks.
MUX_DIV[3:0]
2100[7:4]
The number of ADC time slots in each multiplexer frame (maximum = 11).
PLL_FAST
2200[4]
Controls the speed of the PLL and MCK.
FIR_LEN[1:0]
210C[1]
Determines the number of ADC cycles in the ADC decimation FIR filter.
DIFFA_E
210C[4]
Enables the differential configuration for analog input pins IAP-IAN.
DIFFB_E
210C[5]
Enables the differential configuration for analog input pins IBP-IBN.
RMT_E
2709[3]
Enables the remote sensor interface transforming pins IBP-IBN into a
digital balanced differential pair for communications with the 71M6x01
sensor.
PRE_E
2704[5]
Enables the 8x pre-amplifier.
Refer to Table 76 starting on page 111 for more complete details about these I/O RAM locations.
2.2.3
Delay Compensation
When measuring the energy of a phase (i.e., Wh and VARh) in a service, the voltage and current for that
phase must be sampled at the same instant. Otherwise, the phase difference,
Ф, introduces errors.
o
delay
o
delay
f
t
T
t
360
360
⋅
⋅
=
⋅
=
f
Where f is the frequency of the input signal, T = 1/f and tdelay is the sampling delay between current and
voltage.
Traditionally, sampling is accomplished by using two A/D converters per phase (one for voltage and the
other one for current) controlled to sample simultaneously. Maxim’s Single-Converter Technology,
however, exploits the 32-bit signal processing capability of its CE to implement “constant delay” all-pass
filters. The all-pass filter corrects for the conversion time difference between the voltage and the
corresponding current samples that are obtained with a single multiplexed A/D converter.
The “constant delay” all-pass filter provides a broad-band delay 360
o –
θ, which is precisely matched to
the difference in sample time between the voltage and the current of a given phase. This digital filter
does not affect the amplitude of the signal, but provides a precisely controlled phase response.
The recommended ADC multiplexer sequence samples the current first, immediately followed by
sampling of the corresponding phase voltage, thus the voltage is delayed by a phase angle
Ф relative to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com