Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 68 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 68 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 64Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 65Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 66Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 67Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 68Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 69Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 70Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 71Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 72Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
68
Rev 5
The LCD bias may be compensated for temperature using the LCD_DAC[4:0] field (I/O RAM 0x240D[4:0]).
The bias may be adjusted from 1.4 V below the 3.3 V supply (V3P3SYS in MSN mode and VBAT in BRN
and LCD modes). When the LCD_DAC[4:0] field is set to 000, the DAC is bypassed and powered
down. This can be used to reduce current in LCD mode.
STATIC (LCD_MODE=100)
COM0
COM1
COM2
COM3
COM4
COM5
SEG_ON
SEG_OFF
(1/2)
(1/2)
(1/2)
(1/2)
(1/2)
1/2 BIAS, 2 STATES (LCD_MODE = 010 )
COM0
COM1
COM2
COM3
COM4
COM5
SEG_ON
SEG_OFF
(1/2)
(1/2)
(1/2)
(1/2)
0
1
1/2 BIAS, 3 STATES (LCD_MODE = 011 )
COM0
COM1
COM2
COM3
COM4
COM5
SEG_ON
SEG_OFF
(1/2)
(1/2)
(1/2)
0
1
2
1/3 BIAS, 3 STATES (LCD_MODE = 011 )
COM0
COM1
COM2
COM3
COM4
COM5
SEG_ON
SEG_OFF
(2/3)
0
1
2
(1/3)
1/3 BIAS, 4 STATES (LCD_MODE = 000 )
COM0
COM1
COM2
COM3
COM4
COM5
SEG_ON
SEG_OFF
0
1
2
1/3 BIAS, 6 STATES (LCD_MODE = 110 )
COM0
COM1
COM2
COM3
COM4
COM5
SEG_ON
SEG_OFF
0
1
2
3
3
4
5
T
Figure 21: LCD Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com