Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 98 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 98 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 94Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 95Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 96Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 97Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 98Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 99Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 100Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 101Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 102Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
98
Rev 5
4.7.3
Temperature Compensation for VREF with Local Sensors
This section discusses metrology temperature compensation for the meter designs where local sensors
are used, as shown in Figure 35 and Figure 37.
In these configurations where all sensors are directly connected to the 71M654x, each sensor channel’s
accuracy is affected by the voltage variation in the 71M654x VREF due to temperature. The VREF in the
71M654x can be compensated digitally using a second-order polynomial function of temperature. The
71M654x features an on-chip temperature sensor for the purpose of temperature compensating its VREF.
There are also error sources external to the 71M654x. The voltage sensor resistor dividers and the shunt
current sensor and/or CT and their corresponding signal conditioning circuits also have a temperature
dependency, which also may require compensation, depending on the required accuracy class. The
compensation for these external error sources may be optionally lumped with the compensation for VREF by
incorporating their compensation into the PPMC and PPMC2 coefficients for each corresponding channel.
The MPU has the responsibility of computing the necessary compensation values required for each sensor
channel based on the sensed temperature. Maxim provides demonstration code that implements the
GAIN_ADJn compensation equation shown below. The resulting GAIN_ADJn values are stored by the
MPU in three CE RAM locations GAIN_ADJ0-GAIN_ADJ2 (CE RAM 0x40-0x42). The demonstration code
thus provides a suitable implementation of temperature compensation, but other methods are possible in
MPU firmware by utilizing the on-chip temperature sensors and the CE RAM GAIN_ADJn storage locations.
The demonstration code maintains three separate sets of PPMC and PPMC2 coefficients and computes
three separate GAIN_ADJn values based on the sensed temperature using the equation below:
23
2
14
2
2
_
100
2
_
10
16385
_
PPMC
X
TEMP
PPMC
X
TEMP
ADJ
GAIN
⋅
⋅
+
⋅
⋅
+
=
Where, TEMP_X is the deviation from nominal or calibration temperature expressed in multiples of
0.1 °C. For example, since the 71M654x calibration (reference) temperature is 22
oC and the measured
temperature is 27
oC, then TEMP_X = (27-22) x 10 = 50 (decimal), which represents a +5 oC deviation
from 22
oC.
Table 73 shows the three GAIN_ADJn equation output values and the voltage or current measurements
for which they compensate.
•
GAIN_ADJ0 compensates for the VA and VB (71M6542F/G only) voltage measurements in the
71M654x and is used to compensate the VREF in the 71M654x. The designer may optionally add
compensation for the resistive voltage dividers into the PPMC and PPMC2 coefficients for this
channel.
•
GAIN_ADJ1 provides compensation for the IA current channel and compensates for the 71M654x
VREF. The designer may optionally add compensation for the shunt or CT and its corresponding
signal conditioning circuit into the PPMC and PPMC2 coefficients for this channel.
•
GAIN_ADJ2 provides compensation for the IB current channel and compensates for the 71M654x VREF.
The designer may optionally add compensation for the CT and its signal conditioning circuit into the
PPMC and PPMC2 coefficients for this channel.
Table 72: GAIN_ADJn Compensation Channels
Gain Adjustment Output
CE RAM Address
71M6541D/F/G
71M6542F/G
GAIN_ADJ0
0x40
VA
VA, VB
GAIN_ADJ1
0x41
IA
IA
GAIN_ADJ2
0x42
IB
IB
In the demonstration code, temperature compensation behavior is determined by the values stored in the
PPMC and PPMC2 coefficients for each of the three channels, which are setup by the MPU demo code at
initialization time from values that are previously stored in EEPROM.
To disable temperature compensation in the demonstration code, PPMC and PPMC2 are both set to zero
for each of the three GAIN_ADJn channels. To enable temperature compensation, the PPMC and PPMC2
coefficients are set with values that match the expected temperature variation of each corresponding
sensor channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com