Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 34Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 35Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 36Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 37Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 38Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 39Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 40Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 41Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
38
Rev 5
8-bit output data. 7-bit serial modes without parity can be simulated by setting bit 7 to a constant
1. 8-bit serial modes with parity can be simulated by setting and reading the 9
th bit, using the
control bits TB80 (S0CON[3]) and TB81 (S1CON[3]) in the S0CON (SFR 0x98) and S1CON (SFR 0x9B)
registers for transmit and RB81 bit in S1CON[2] for receive operations.
The feature of receiving 9 bits (Mode 3 for UART0, Mode A for UART1) can be used as handshake signals
for inter-processor communication in multi-processor systems. In this case, the slave processors have bit
SM20 (S0CON[5]) for UART0, or SM21 (S1CON[5] for UART1, set to 1. When the master processor outputs
the slave’s address, it sets the 9
th bit to 1, causing a serial port receive interrupt in all the slaves. The
slave processors compare the received byte with their address. If there is a match, the addressed slave
clears SM20 or SM21 and receive the rest of the message. The rest of the slave’s ignores the
message. After addressing the slave, the host outputs the rest of the message with the 9
th bit set to 0, so
no additional serial port receive interrupts are generated.
UART Control Registers:
The functions of UART0 and UART1 depend on the setting of the Serial Port Control Registers S0CON
and S1CON shown in Table 19 and Table 20, respectively, and the PCON register shown in Table 21.
Since the TI0, RI0, TI1 and RI1 bits are in an SFR bit addressable byte, common practice
would be to clear them with a bit operation, but this must be avoided. The hardware implements
bit operations as a byte wide read-modify-write hardware macro. If an interrupt occurs after
the read, but before the write, its flag is cleared unintentionally.
The proper way to clear these flag bits is to write a byte mask consisting of all ones except for
a zero in the location of the bit to be cleared. The flag bits are configured in hardware to ignore
ones written to them.
Table 19: The S0CON (UART0) Register (SFR 0x98)
Bit
Symbol
Function
S0CON[7]
SM0
The SM0 and SM1 bits set the UART0 mode:
Mode
Description
SM0
SM1
0
N/A
0
0
1
8-bit UART
0
1
2
9-bit UART
1
0
3
9-bit UART
1
1
S0CON[6]
SM1
S0CON[5]
SM20
Enables the inter-processor communication feature.
S0CON[4]
REN0
If set, enables serial reception. Cleared by software to disable reception.
S0CON[3]
TB80
The 9th transmitted data bit in Modes 2 and 3. Set or cleared by the
MPU, depending on the function it performs (parity check, multiprocessor
communication etc.)
S0CON[2]
RB80
In Modes 2 and 3 it is the 9
th data bit received. In Mode 1, SM20 is 0,
RB80 is the stop bit. In mode 0, this bit is not used. Must be cleared by
software.
S0CON[1]
TI0
Transmit interrupt flag; set by hardware after completion of a serial transfer.
Must be cleared by software (see Caution above).
S0CON[0]
RI0
Receive interrupt flag; set by hardware after completion of a serial reception.
Must be cleared by software (see Caution above).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com