Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 25Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 26Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 27Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 28Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 29Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 30Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 31Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 32Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
29
IB channel is a 71M6x01 isolated sensor, the sample data does not pass through the 71M6541D/F/G
multiplexer, as seen in Figure 3. In this case, the sample is taken during the second half of the multiplexer
cycle and the data is directly stored in the corresponding CE RAM location as indicated in Figure 3. The
timing relationship between the remote current sensor channel and its corresponding voltage is precisely
defined so that delay compensation can be properly applied by the CE.
Referring to Figure 15, the 71M6542F/G features an additional voltage input (VB) permitting the
implementation of a two-phase meter. As with VA, the VB voltage divider is directly connected to the
71M6542F/G and uses the ADC and multiplexer facilities in the 71M6542F/G. MUX_DIV[3:0] = 4
configures the multiplexer to provide an additional time slot to accommodate the additional VB voltage
sample. As with the 71M6541D/F/G, IA samples are obtained from a current sensor that is directly
connected to the 71M6542F/G, while IB samples may be obtained from a directly connected CT or a
remotely connected shunt using a 71M6x01 isolated device as seen in Figure 2 and Figure 3.
The number of samples processed during one accumulation cycle is controlled by the I/O RAM register
SUM_SAMPS[12:0] (I/O RAM 0x2107[4:0], 0x2108[7:0]). The integration time for each energy output is:
SUM_SAMPS / 2520.6, where 2520.6 is the sample rate in Hz
For example, SUM_SAMPS = 2100 establishes 2100 samples per accumulation cycle, which has a
duration of 833 ms. After an accumulation cycle is completed, the XFER_BUSY interrupt signals to the
MPU that accumulated data are available.
The end of each multiplexer cycle is signaled to the MPU by the CE_BUSY interrupt. At the end of each
multiplexer cycle, status information, such as sag data and the digitized input signal, is available to the MPU.
Figure 13 shows the accumulation interval resulting from SUM_SAMPS = 2100, consisting of 2100
samples of 397 µs each, followed by the XFER_BUSY interrupt. The sampling in this example is applied
to a 50 Hz signal. There is no correlation between the line signal frequency and the choice of
SUM_SAMPS. Furthermore, sampling does not have to start when the line voltage crosses the zero line,
and the length of the accumulation interval need not be an integer multiple of the signal cycles.
Figure 13: Accumulation Interval
XFER_BUSY
Interrupt to MPU
20ms
833ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com