Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 37Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 38Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 39Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 40Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 41Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 42Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 43Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 44Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
41
Table 25: The TCON Register Bit Functions (SFR 0x88)
Bit
Symbol Function
TCON[7]
TF1
The Timer 1 overflow flag is set by hardware when Timer 1 overflows. This flag
can be cleared by software and is automatically cleared when an interrupt is
processed.
TCON[6]
TR1
Timer 1 run control bit. If cleared, Timer 1 stops.
TCON[5]
TF0
Timer 0 overflow flag set by hardware when Timer 0 overflows. This flag can be
cleared by software and is automatically cleared when an interrupt is processed.
TCON[4]
TR0
Timer 0 Run control bit. If cleared, Timer 0 stops.
TCON[3]
IE1
Interrupt 1 edge flag is set by hardware when the falling edge on external pin int1 is
observed. Cleared when an interrupt is processed.
TCON[2]
IT1
Interrupt 1 type control bit. Selects either the falling edge or low level on input pin
to cause an interrupt.
TCON[1]
IE0
Interrupt 0 edge flag is set by hardware when the falling edge on external pin int0 is
observed. Cleared when an interrupt is processed.
TCON[0]
IT0
Interrupt 0 type control bit. Selects either the falling edge or low level on input pin
to cause interrupt.
2.4.7
WD Timer (Software Watchdog Timer)
There is no internal software watchdog timer. Use the standard hardware watchdog timer instead (see
2.5.11 Hardware Watchdog Timer).
2.4.8
Interrupts
The 80515 provides 11 interrupt sources with four priority levels. Each source has its own
interrupt request
flag(s) located in a special function register (TCON, IRCON, and SCON). Each interrupt requested by
the corresponding interrupt flag can be individually enabled or disabled by the interrupt enable bits in the
IEN0 (SFR 0xA8), IEN1 (SFR 0xB8), and IEN2 (SFR 0x9A). Figure 16 shows the device interrupt structure.
Referring to Figure 16, interrupt sources can originate from within the 80515 MPU core (referred to as
Internal Sources) or can originate from other parts of the 71M654x SoC (referred to as External Sources).
There are seven external interrupt sources, as seen in the leftmost part of Figure 16, and in Table 26 and
Table 27 (i.e., EX0-EX6).
Interrupt Overview
When an interrupt occurs, the MPU vectors to the predetermined address as shown in Table 38. Once
the interrupt service has begun, it can be interrupted only by a higher priority interrupt. The interrupt service
is terminated by a return from interrupt instruction, RETI. When a RETI instruction is performed, the
processor returns to the instruction that would have been next when the interrupt occurred.
When the interrupt condition occurs, the processor also indicates this by setting a flag bit. This bit is set
regardless of whether the interrupt is enabled or disabled. Each interrupt flag is sampled once per
machine cycle, and then samples are polled by the hardware. If the sample indicates a pending interrupt
when the interrupt is enabled, then the interrupt request flag is set. On the next instruction cycle, the
interrupt is acknowledged by hardware forcing an LCALL to the appropriate vector address, if the
following conditions are met:
•
No interrupt of equal or higher priority is already in progress.
•
An instruction is currently being executed and is not completed.
•
The instruction in progress is not RETI or any write access to the registers IEN0, IEN1, IEN2, IP0 or IP1.
Special Function Registers for Interrupts
The following SFR registers control the interrupt functions:
•
The interrupt enable registers: IEN0, IEN1 and IEN2 (see Table 26, Table 27 and Table 28).
•
The Timer/Counter control registers, TCON and T2CON (see
•
Table 29 and Table 30).
•
The interrupt request register, IRCON (see Table 31).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com