Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 55Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 56Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 57Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 58Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 59Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 60Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 61Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 62Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
59
OPT_TXINV
UART1_TX
MOD
EN
DUTY
SEGDIO51/
OPT_TX
OPT_TXMOD
OPT_FDC
OPT_TXE[1:0]
0
2
V3P3
Internal
A
B
OPT_TXMOD=0
OPT_TXMOD=1,
OPT_FDC=2 (25%)
B
A
1/38kHz
1
2
3
DIO51
WPULSE
VARPULSE
SEG51
LCD_MAP[51]
1
0
SEGDIO55/
OPT_RX
SEG55
LCD_MAP[55]
1
0
DIO55
1
0
OPT_RXDIS
UART1_RX
DIO5
SEGDIO5/TX2
SEG5
1
0
LCD_MAP[5]
OPT_BB
0
0
1
1
Figure 19: Optical Interface (UART1)
2.5.8
Digital I/O and LCD Segment Drivers
2.5.8.1 General Information
The 71M6541D/F/G and 71M6542F/G combine most DIO pins with LCD segment drivers. Each
SEG/DIO pin can be configured as a DIO pin or as a segment (SEG) driver pin.
On reset or power-up, all DIO pins are DIO inputs (except for SEGDIO0-15, see caution note below) until
they are configured as desired under MPU control. The pin function can be configured by the I/O RAM
registers LCD_MAPn (0x2405 – 0x240B). Setting the bit corresponding to the pin in LCD_MAPn to 1
configures the pin for LCD, setting LCD_MAPn to 0 configures it for DIO.
After reset or power up, pins SEGDIO0 through SEGDIO15 are initially DIO outputs, but are
disabled by PORT_E = 0 (I/O RAM 0x270C[5]) to avoid unwanted pulses during reset. After
configuring pins SEGDIO0 through SEGDIO15 the MPU must enable these pins by setting
PORT_E.
Once a pin is configured as DIO, it can be configured independently as an input or output. For SEGDIO0
to SEGDIO15, this is done with the SFR registers P0 (SFR 0x80), P1 (SFR 0x90), P2 (SFR 0xA0) and P3
(SFR 0xB0), as shown in Table 48 (71M6541D/F/G) and Table 52 (71M6542F/G).
The PB pin is a dedicated digital input and is not part of the SEGDIO system.
The CE features pulse counting registers and each pulse counter interrupt output is internally
routed to the pulse interrupt logic. Thus, no routing of pulse signals to external pins is required in
order to generate pulse interrupts. See interrupt source No. 2 in Figure 16.
A 3-bit configuration word, I/O RAM register DIO_Rn (I/O RAM 0x2009[2:0] through 0x200E[6:4]) can be
used for pins SEGDIO2 through SEGDIO11 (when configured as DIO) and PB to individually assign an
internal resource such as an interrupt or a timer control (DIO_RPB[2:0], I/O RAM 0x2450[2:0], configures
the PB pin). This way, DIO pins can be tracked even if they are configured as outputs. Table 47 lists
the internal resources which can be assigned using DIO_R2[2:0] through DIO_R11[2:0] and DIO_RPB[2:0].
If more than one input is connected to the same resource, the resources are combined using a logical OR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com