Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 13Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 14Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 15Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 16Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 17Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 18Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 19Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 20Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
17
processed with locally connected sensors, as shown in Figure 3. When using one local and one remote
sensor (Figure 5), the multiplexer sequence is also as shown in Figure 7.
For both multiplexer sequences shown in Figure 6 and Figure 7, the frame duration is 13 CK32 cycles
(where CK32 = 32768 Hz), therefore, the resulting sample rate is 32768 Hz / 13 = 2520.6 Hz.
Table 3 summarizes the various AFE input configurations.
CK32
MUX STATE
0
0
1
2
MUX_DIV[3:0] = 3 Conversions
Settle
Multiplexer Frame
S
CROSS
MUX_SYNC
0
S
11/5/2010
Fig. 2:
IA
VA
IB
Fig. 3:
IA
VA
Not Used
Fig. 5:
IA
VA
VB
Figure 6: States in a Multiplexer Frame (MUX_DIV[3:0] = 3)
CK32
MUX STATE
0
1
2
3
MUX_DIV = 4 Conversions
Settle
Multiplexer Frame
S
CROSS
MUX_SYNC
0
S
11/5/2010
Fig. 4:
IA
VA
IB
VB
Figure 7: States in a Multiplexer Frame (MUX_DIV[3:0] = 4)
Table 3: ADC Input Configuration
Pin
ADC
Channel
Required
Setting
Comment
IAP
ADC0
DIFFA_E = 1
Differential mode must be selected with DIFFA_E = 1 (I/O
RAM 0x210C[4]). The ADC results are stored in CE RAM
location ADC0 (CE RAM 0x0), and ADC1 (CE RAM 0x1) is not
disturbed.
IAN
ADC1
IBP
ADC2
DIFFB_E = 1
or
RMT_E = 1
For locally connected sensors (Figure 2 and Figure 4), the
differential input must be enabled by setting DIFFB_E (I/O
RAM 0x210C[5].
For the remote connected sensor (Figure 3 and Figure 5)
with a remote shunt sensor, RMT_E (I/O RAM 0x2709[3])
must be set.
In both cases, the ADC results are stored in RAM location
ADC2 (CE RAM 0x2), and ADC3 (CE RAM 0x3) is not
disturbed.
IBN
ADC3
VA
ADC10
--
Single-ended mode only. The ADC result is stored in RAM
location ADC10 (CE RAM 0xA).
VB
ADC9
--
Single-ended mode only (71M6542F only). The ADC result
is stored in RAM location ADC9 (CE RAM 0x9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com