Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 58 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 58 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 54Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 55Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 56Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 57Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 58Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 59Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 60Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 61Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 62Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
58
Rev 5
Refer to the 71M6xxx Data Sheet for information on reading the VCC sensor in the 71M6x01 devices.
2.5.7
UART and Optical Interface
The 71M6541D/F/G and 71M6542F/G provide two asynchronous interfaces, UART0 and UART1. Both
can be used to connect to AMR modules, user interfaces, etc., and also support a mechanism for
programming the on-chip flash memory.
Referring to Figure 19, UART1 includes an interface to implement an IR/optical port. The pin OPT_TX is
designed to directly drive an external LED for transmitting data on an optical link. The pin OPT_RX has
the same threshold as the RX pin, but can also be used to sense the input from an external photo detector
used as the receiver for the optical link. OPT_TX and OPT_RX are connected to a dedicated UART port
(UART1).
The OPT_TX and OPT_RX pins can be inverted with configuration bits OPT_TXINV (I/O RAM 0x2456[0])
and OPT_RXINV (I/O RAM 0x2457[1]), respectively. Additionally, the OPT_TX output may be modulated at
38 kHz. Modulation is available in MSN and BRN modes (see Table 67). The OPT_TXMOD bit (I/O RAM
0x2456[1]) enables modulation. The duty cycle is controlled by OPT_FDC[1:0] (I/O RAM 0x2457[5:4]) ,
which can select 50%, 25%, 12.5%, and 6.25% duty cycle. A 6.25% duty cycle means that OPT_TX is
low for 6.25% of the period.
When not needed for UART1, OPT_TX can alternatively be configured as SEGDIO51. Configuration is
via the OPT_TXE[1:0] (I/O RAM 0x2456[3:2]) field and LCD_MAP[51] (I/O RAM 0x2405[0]). The
OPT_TXE[1:0] field allows the MPU to select VPULSE, WPULSE, SEGDIO51 or the output of the pulse
modulator to be sourced onto the OPT_TX pin. Likewise, the OPT_RX pin can alternately be configured
as SEGDIO55, and its control is OPT_RXDIS (I/O RAM 0x2457[2]) and LCD_MAP[55] (I/O RAM 0x2405[4]).
B
A
OPT_TXMOD = 0
OPT_TXMOD = 1,
OPT_FDC = 2 (25%)
B
A
1/38kHz
OPT_TXINV
from
OPT_TX UART
MOD
EN
DUTY
OPT_TX
OPT_TXMOD
OPT_FDC
OPT_TXE[1:0]
0
2
V3P3
Internal
A
B
1
2
3
DIO2
WPULSE
VARPULSE
Figure 18: Optical Interface
Bit Banged Optical UART (Third UART)
As shown in Figure 19, the 71M654x can also be configured to drive the optical UART with a DIO signal
in a bit banged configuration. When control bit OPT_BB (I/O RAM 0x2022[0]) is set, the optical port is
driven by DIO5 and the SEGDIO5 pin is driven by UART1_TX. This configuration is typically used when
the two dedicated UARTs must be connected to high speed clients and a slower optical UART is
permissible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com