Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 77 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 77 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 73Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 74Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 75Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 76Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 77Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 78Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 79Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 80Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 81Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
77
SPI Flash Mode (SFM)
In normal operation, the SPI slave interface cannot read or write the flash memory. However, the
71M6541D/F/G and 71M6542F/G support an SPI Flash Mode (SFM) which facilitates initial programming
of the flash memory. When in SFM mode, the SPI can erase, read, and write the flash memory. Other
memory elements such as XRAM and I/O RAM are not accessible in this mode. In order to protect the
flash contents, several operations are required before the SFM mode is successfully invoked.
In SFM mode, n byte reads and dual-byte writes to flash memory are supported. See the SPI Transactions
description on Page 73 for the format of read and write commands. Since the flash write operation is always
based on a two-byte word, the initial address must always be even. Data is written to the 16-bit flash
memory bus after the odd word is written.
In SFM mode, the MPU is completely halted. For this reason, the interrupt feature described in the SPI
Transaction section above is not available in SFM mode. The 71M6541D/F/G and 71M6542F/G must be
reset by the WD timer or by the RESET pin in order to exit SFM mode.
Invoking SFM
The following conditions must be met prior to invoking SFM:
•
Pin ICE_E = 1. This disables the watchdog and adds another layer of protection against inadvertent
Flash corruption.
•
The external power source (V3P3SYS, V3P3A) is at the proper level (> 3.0 VDC).
•
PREBOOT = 0 (SFR 0xB2[7]). This validates the state of the SECURE bit (SFR 0xB2[6]).
•
SECURE = 0. This I/O RAM register indicates that SPI secure mode is not enabled. Operations are
limited to SFM Mass Erase mode if the SECURE bit = 1 (Flash read back is not allowed in Secure mode).
•
FLSH_UNLOCK[3:0] (I/O RAM 0x2702[7:4]) = 0010.
The I/O RAM registers SFMM (I/O RAM 0x2080) and SFMS (I/O RAM 0x2081) are used to invoke SFM. Only
the SPI interface has access to these two registers. This eliminates an indirect path from the MPU for
disabling the watchdog. SFMM and SFMS need to be written to in sequence in order to invoke SFM. This
sequential write process prevents inadvertent entering of SFM.
The sequence for invoking SFM is:
•
First, write to the SFMM (I/O RAM 0x2080) register. The value written to this register defines the SFM
mode.
o
0xD1: Mass Erase mode. A Flash Mass erase cycle is invoked upon entering SFM.
o
0x2E: Flash Read back mode. SFM is entered for Flash read back purposes. Flash writes
are not be blocked and it is up to the user to guarantee that only previously unwritten
locations are written. This mode is not accessible when SPI secure mode is set.
o
SFM is not invoked if any other pattern is written to the SFMM register.
•
Next, write 0x96 to the SFMS (I/O RAM 0x2081) register. This action invokes SFM provided that the
previous write operation to SFMM met the requirements. Writing any other pattern to this register does
not invoke SFM. Additionally, any write operations to this register automatically reset the previously
written SFMM register values to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com