Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 80 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 80 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 76Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 77Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 78Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 79Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 80Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 81Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 82Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 83Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 84Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
80
Rev 5
3
Functional Description
3.1
Theory of Operation
The energy delivered by a power source into a load can be expressed as:
∫
=
t
dt
t
I
t
V
E
0
)
(
)
(
Assuming phase angles are constant, the following formulae apply:
P = Real Energy [Wh] = V * A * cos φ* t
Q = Reactive Energy [VARh] = V * A * sin φ * t
S = Apparent Energy [VAh] =
2
2
Q
P
+
For a practical meter, not only voltage and current amplitudes, but also phase angles and harmonic content
may change constantly. Thus, simple RMS measurements are inherently inaccurate. A modern solid-state
electricity meter IC such as the 71M654x functions by emulating the integral operation above, i.e., it
processes current and voltage samples through an ADC at a constant frequency. As long as the ADC
resolution is high enough and the sample frequency is beyond the harmonic range of interest, the current
and voltage samples, multiplied with the time period of sampling yield an accurate quantity for the
momentary energy. Summing up the momentary energy quantities over time results in very accurate
results for accumulated energy.
Figure 28: Voltage, Current, Momentary and Accumulated Energy
Figure 28 shows the shapes of V(t), I(t), the momentary power and the accumulated power, resulting from
50 samples of the voltage and current signals over a period of 20 ms. The application of 240 VAC and
100 A results in an accumulation of 480 Ws (= 0.133 Wh) over the 20 ms period, as indicated by the
accumulated power curve. The described sampling method works reliably, even in the presence of dynamic
phase shift and harmonic distortion.
-500
-400
-300
-200
-100
0
100
200
300
400
500
0
5
10
15
20
Current [A]
Voltage [V]
Energy per Interval [Ws]
Accumulated Energy [Ws]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com