Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 16Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 17Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 18Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 19Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 20Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 21Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 22Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 23Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
20
Rev 5
the current. The delay compensation implemented in the CE aligns the voltage samples with their
corresponding current samples by first delaying the current samples by one full sample interval (i.e.,
360
o), then routing the voltage samples through the all-pass filter, thus delaying the voltage samples by
360
o -
θ, resulting in the residual phase error between the current and its corresponding voltage of θ – Ф.
The residual phase error is negligible, and is typically less than ±1.5 milli-degrees at 100Hz, thus it does
not contribute to errors in the energy measurements.
When using remote sensors, the CE performs the same delay compensation described above to align
each voltage sample with its corresponding current sample. Even though the remote current samples do
not pass through the 71M654x multiplexer, their timing relationship to their corresponding voltages is
fixed and precisely known, provided that the MUXn_SEL[3:0] slot assignment fields are programmed as
shown in Table 1 and Table 2.
2.2.4
ADC Pre-Amplifier
The ADC pre-amplifier is a low-noise differential amplifier with a fixed gain of 8 available only on the IAP-
IAN sensor input pins. A gain of 8 is enabled by setting PRE_E = 1 (I/O RAM 0x2704[5]). When disabled,
the supply current of the pre-amplifier is <10 nA and the gain is unity. With proper settings of the PRE_E
and DIFFA_E (I/O RAM 0x210C[4]) bits, the pre-amplifier can be used whether differential mode is
selected or not. For best performance, the differential mode is recommended. In order to save power, the
bias current of the pre-amplifier and ADC is adjusted according to the ADC_DIV control bit (I/O RAM
0x2200[5]).
2.2.5
A/D Converter (ADC)
A single 2
nd order delta-sigma A/D converter digitizes the voltage and current inputs to the device. The
resolution of the ADC, including the sign bit, is 21 bits (FIR_LEN[1:0] = 1, I/O RAM 0x210C[2:1]), or 22 bits
(FIR_LEN[1:0] = 2). The ADC is clocked by CKADC.
Initiation of each ADC conversion is controlled by MUX_CTRL internal circuit as described above. At the
end of each ADC conversion, the FIR filter output data is stored into the CE RAM location determined by
the multiplexer selection. FIR data is stored LSB justified, but shifted left 9 bits.
2.2.6
FIR Filter
The finite impulse response filter is an integral part of the ADC and it is optimized for use with the multiplexer.
The purpose of the FIR filter is to decimate the ADC output to the desired resolution. At the end of each
ADC conversion, the output data is stored into the fixed CE RAM location determined by the multiplexer
selection as shown in Table 1 and Table 2.
2.2.7
Voltage References
A bandgap circuit provides the reference voltage to the ADC. The amplifier within the reference is chopper
stabilized, i.e., the chopper circuit can be enabled or disabled by the MPU using the I/O RAM control field
CHOP_E[1:0] (I/O RAM 0x2106[3:2]). The two bits in the CHOP_E[1:0] field enable the MPU to operate the
chopper circuit in regular or inverted operation, or in toggling modes (recommended). When the
chopper circuit is toggled in between multiplexer cycles, dc offsets on VREF are automatically be
averaged out, therefore the chopper circuit should always be configured for one of the toggling modes.
Since the VREF band-gap amplifier is chopper-stabilized, the dc offset voltage, which is the most
significant long-term drift mechanism in the voltage references (VREF), is automatically removed by the
chopper circuit. Both the 71M654x and the 71M6x01 feature chopper circuits for their respective VREF
voltage reference.
The general topology of a chopped amplifier is shown in Figure 8. The CROSS signal is an internal on-
chip signal and is not accessible on any pin or register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com