Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 88 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 88 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 84Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 85Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 86Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 87Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 88Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 89Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 90Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 91Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 92Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
88
Rev 5
Table 69: Wake Enables and Flag Bits
Wake Enable
Wake Flag
De-bounce
Description
Name
Location
Name
Location
WAKE_ARM
28B2[5]
WF_TMR
28B1[5]
No
Wake on Timer.
EW_PB
28B3[3]
WF_PB
28B1[3]
Yes
Wake on PB*.
EW_RX
28B3[4]
WF_RX
28B1[4]
2 µs
Wake on either edge of RX.
EW_DIO4
28B3[2]
WF_DIO4
28B1[2]
2 µs
Wake on SEGDIO4.
EW_DIO52†
28B3[1]
WF_DIO52
28B1[1]
Yes
Wake on SEGDIO52*.
EW_DIO55
28B3[0]
WF_DIO55
28B1[0]
Yes
OPT_RXDIS = 1: Wake on DIO55*
with 64 ms de-bounce.
OPT_RXDIS = 0: Wake on either
edge of OPT_RX with 2 µs de-
bounce.
OPT_RXDIS: I/O RAM 0x2457[2]
Always Enabled
WF_RST
28B0[6]
2 µs
Wake after RESET.
Always Enabled
WF_RSTBIT
28B0[5]
No
Wake after RESET bit.
Always Enabled
WF_ERST
28B0[3]
2 µs
Wake after E_RST.
(ICE must be enabled)
Always Enabled
WF_OVF
28B0[4]
No
Wake after WD reset.
Always Enabled
WF_CSTART
28B0[7]
No
Wake after cold start - the first
application of power.
Always Enabled
WF_BADVDD
28B0[2]
No
Wake after insufficient VBAT
voltage.
† 71M6542F/G only.
*This pin is sampled every 2 ms and must remain high for 64 ms to be declared a valid high level. This
pin is high-level sensitive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com