Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 32Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 33Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 34Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 35Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 36Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 37Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 38Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 39Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
36
Rev 5
Port Registers:
SEGDIO0 through SEGDIO15 are controlled by Special Function Registers P0, P1, P2 and P3 as shown in
Table 15. Above SEGDIO15, the LCD_SEGDIOn[ ] registers in I/O RAM are used. Since the direction bits
are contained in the upper nibble of each SFR Pn register and the DIO bits are contained in the lower nibble,
it is possible to configure the direction of a given DIO pin and set its output value with a single write operation,
thus facilitating the implementation of bit-banged interfaces. Writing a 1 to a DIO_DIR bit configures the
corresponding DIO as an output, while writing a 0 configures it as an input. Writing a 1 to a DIO bit causes
the corresponding pin to be at high level (V3P3), while writing a 0 causes the corresponding pin to be held
at a low level (GND). See 2.5.8 Digital I/O for additional details.
Table 15: Port Registers (SEGDIO0-15)
SFR
Name
SFR
Address
D7
D6
D5
D4
D3
D2
D1
D0
P0
0x80
DIO_DIR[3:0]
DIO[3:0]
P1
0x90
DIO_DIR[7:4]
DIO[7:4]
P2
0xA0
DIO_DIR[11:8]
DIO[11:8]
P3
0xB0
DIO_DIR[15:12]
DIO[15:11]
Ports P0-P3 on the chip are bi-directional and control SEGDIO0-15. Each port consists of a Latch (SFR
P0 to P3), an output driver and an input buffer, therefore the MPU can output or read data through any of
these ports. Even if a DIO pin is configured as an output, the state of the pin can still be read by the
MPU, for example when counting pulses issued via DIO pins that are under CE control.
At power-up SEGDIO0-15 are configured as outputs, but the pins are in a high-impedance state
because PORT_E=0 (I/O RAM 0x270C[5]). Host firmware should first configure SEGDIO0-15 to the
desired state, then set PORT_E=1 to enable the function.
Clock Stretching (CKCON)
The three low order bits of the CKCON[2:0] (SFR 0x8E) register define the stretch memory cycles that
are used for MOVX instructions when accessing external peripherals. The practical value of this register
for the 71M6541D/F/G and 71M6542F/G is to guarantee access to XRAM between CE, MPU, and SPI.
Table 16 shows how the signals of the External Memory Interface change when stretch values are set
from 0 to 7. The widths of the signals are counted in MPU clock cycles. The post-reset state of the
CKCON[2:0] (001), which is shown in bold in the table, performs the MOVX instructions with a stretch
value equal to 1.
Table 16: Stretch Memory Cycle Width
CKCON[2:0]
Stretch
Value
Read Signal Width
Write Signal Width
memaddr
memrd
memaddr
memwr
000
0
1
1
2
1
001
1
2
2
3
1
010
2
3
3
4
2
011
3
4
4
5
3
100
4
5
5
6
4
101
5
6
6
7
5
110
6
7
7
8
6
111
7
8
8
9
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com