Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 102 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 102 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 98Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 99Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 100Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 101Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 102Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 103Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 104Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 105Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 106Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
102
Rev 5
Figure 41: Connection for Optical Components
4.12
Connecting the Reset Pin
Even though a functional meter does not necessarily need a reset switch, it is useful to have a reset
pushbutton for prototyping as shown in Figure 42, left side. The RESET signal may be sourced from
V3P3SYS (functional in MSN mode only), V3P3D (MSN and BRN modes), or VBAT (all modes, if a
battery is present), or from a combination of these sources, depending on the application.
For a production meter, the RESET pin should be protected by the external components shown in
Figure 42, right side. R1 should be in the range of 100
Ω and mounted as closely as possible to the IC.
Since the 71M6541D/F/G and 71M6542F/G generate their own power-on reset, a reset button or circuitry, as
shown in Figure 42, is only required for test units and prototypes.
Figure 42: External Components for the RESET Pin: Push-Button (Left), Production Circuit (Right)
R1
RESET
71M654x
GNDD
V3P3D
R2
VBAT/
V3P3D
Reset
Switch
1k
Ω
0.1µF
10kΩ
OPT_TX
R
2
R
1
OPT_RX
71M654x
V3P3SYS
Phototransistor
LED
10 k
Ω
100 pF
V3P3SYS
71M654x
GNDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com