Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 104 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 104 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 100Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 101Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 102Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 103Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 104Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 105Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 106Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 107Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 108Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
104
Rev 5
4.14
Flash Programming
4.14.1 Flash Programming via the ICE Port
Operational or test code can be programmed into the flash memory using either an in-circuit emulator or
the Flash Programmer Module (TFP-2) available from Maxim. The flash programming procedure uses the
E_RST, E_RXTX, and E_TCLK pins.
4.14.2 Flash Programming via the SPI Port
It is possible to erase, read and program the flash memory of the SPI port. See 2.5.10 SPI Slave Port for
a detailed description.
4.15
MPU Firmware Library
All application-specific MPU functions mentioned in 4 Application Information are featured in the
demonstration C source code supplied by Maxim. The code is available as part of the Demonstration Kit
for the 71M6541D/F/G and 71M6542F/G. The Demonstration Kits come with the preprogrammed with
demo firmware and mounted on a functional sample meter Demo Board. The Demo Boards allow for quick
and efficient evaluation of the IC without having to write firmware or having to supply an in-circuit
emulator (ICE).
4.16
Crystal Oscillator
The oscillator of the 71M6541D/F/G and 71M6542F/G drives a standard 32.768 kHz watch crystal. The
oscillator has been designed specifically to handle these crystals and is compatible with their high
impedance and limited power handling capability. The oscillator power dissipation is very low to
maximize the lifetime of any battery backup device attached to the VBAT_RTC pin.
Board layouts with minimum capacitance from XIN to XOUT require less battery current. Good layouts
have XIN and XOUT shielded from each other and from LCD and digital signals.
Since the oscillator is self-biasing, an external resistor must not be connected across the crystal.
4.17
Meter Calibration
Once the 71M654x energy meter device has been installed in a meter system, it must be calibrated. A
complete calibration includes the following:
•
Establishment of the reference temperature (e.g., typically 22 ⁰C)
•
Calibration of the metrology section, i.e., calibration for tolerances of the current sensors, voltage
dividers and signal conditioning components as well as of the internal reference voltage (VREF) at
the reference temperature (e.g., typically 22 ⁰C).
•
Calibration of the oscillator frequency using the RTCA_ADJ[7:0] I/O RAM register (I/O RAM 0x2504).
The metrology section can be calibrated using the gain and phase adjustment factors accessible to the
CE. The gain adjustment is used to compensate for tolerances of components used for signal conditioning,
especially the resistive components. Phase adjustment is provided to compensate for phase shifts
introduced by the current sensors or by the effects of reactive power supplies.
Due to the flexibility of the MPU firmware, any calibration method, such as calibration based on energy, or
current and voltage can be implemented. It is also possible to implement segment-wise calibration
(depending on current range).
The 71M6541D/F/G and 71M6542F/G support common industry standard calibration techniques, such
as single-point (energy-only), multi-point (energy, Vrms, Irms), and auto-calibration.
Maxim provides a calibration spreadsheet file to facilitate the calibration process. Contact your Maxim
representative to obtain a copy of the latest calibration spreadsheet file for the 71M654x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com