Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 107 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 107 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 103Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 104Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 105Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 106Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 107Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 108Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 109Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 110Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 111Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
107
Table 75 lists bits and registers that may have to be accessed on a frequent basis. Reserved bits have lighter gray background, and non-volatile bits
have a darker gray background.
Table 75: I/O RAM Map – Functional Order
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CE and ADC
MUX5
2100
MUX_DIV[3:0]
MUX10_SEL[3:0]
MUX4
2101
MUX9_SEL[3:0]
MUX8_SEL[3:0]
MUX3
2102
MUX7_SEL[3:0]
MUX6_SEL[3:0]
MUX2
2103
MUX5_SEL[3:0]
MUX4_SEL[3:0]
MUX1
2104
MUX3_SEL[3:0]
MUX2_SEL[3:0]
MUX0
2105
MUX1_SEL[3:0]
MUX0_SEL[3:0]
CE6
2106
EQU[2:0]
U
CHOP_E[1:0]
RTM_E
CE_E
CE5
2107
U
U
U
SUM_SAMPS[12:8]
CE4
2108
SUM_SAMPS[7:0]
CE3
2109
U
U
CE_LCTN[5:0]
CE2
210A
PLS_MAXWIDTH[7:0]
CE1
210B
PLS_INTERVAL[7:0]
CE0
210C
R
R
DIFFB_E
DIFFA_E
RFLY_DIS
FIR_LEN[1:0]
PLS_INV
RTM0
210D
U
U
U
U
U
U
RTM0[9:8]
RTM0
210E
RTM0[7:0]
RTM1
210F
RTM1[7:0]
RTM2
2110
RTM2[7:0]
RTM3
2111
RTM3[7:0]
CLOCK GENERATION
CKGN
2200
U
U
ADC_DIV
PLL_FAST
RESET
MPU_DIV[2:0]
LCD/DIO
VREF TRIM FUSES
TRIMT
2309
TRIMT[7:0]
LCD/DIO
LCD0
2400
LCD_E
LCD_MODE[2:0]
LCD_ALLCOM
LCD_Y
LCD_CLK[1:0]
LCD1
2401
LCD_VMODE[1:0]
LCD_BLNKMAP23[5:0]
LCD2
2402
LCD_BAT
R
LCD_BLNKMAP22[5:0]
LCD_MAP6
2405
LCD_MAP[55:48]
LCD_MAP5
2406
LCD_MAP[47:40]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com