Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 111 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 111 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 107Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 108Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 109Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 110Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 111Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 112Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 113Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 114Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 115Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
111
5.2
I/O RAM Map – Alphabetical Order
Table 76 lists I/O RAM bits and registers in alphabetical order.
Bits with a write direction (W in column Dir) are written by the MPU into configuration RAM. Typically, they are initially stored in flash memory and
copied to the configuration RAM by the MPU. Some of the more frequently programmed bits are mapped to the MPU SFR memory space. The
remaining bits are mapped to the address space 0x2XXX. Bits with R (read) direction can be read by the MPU. Columns labeled Rst and Wk
describe the bit values upon reset and wake, respectively. No entry in one of these columns means the bit is either read-only or is powered by the
NV supply and is not initialized. Write-only bits return zero when they are read.
Locations that are shaded in grey are non-volatile (i.e., battery-backed).
Table 76: I/O RAM Map – Functional Order
Name
Location
Rst Wk
Dir
Description
ADC_E
2704[4]
0
0
R/W Enables ADC and VREF. When disabled, reduces bias current.
ADC_DIV
2200[5]
0
0
R/W
ADC_DIV controls the rate of the ADC and FIR clocks.
The ADC_DIV setting determines whether MCK is divided by 4 or 8:
0 = MCK/4
1 = MCK/8
The resulting ADC and FIR clock is as shown below.
PLL_FAST = 0
PLL_FAST = 1
MCK
6.291456 MHz
19.660800 MHz
ADC_DIV = 0
1.572864 MHz
4.9152 MHz
ADC_DIV = 1
0.786432 MHz
2.4576 MHz
BCURR
2704[3]
0
0
R/W Connects a 100 µA load to the battery selected by TEMP_BSEL.
BSENSE[7:0]
2885[7:0]
–
–
R
The result of the battery measurement. See 2.5.6 71M654x Battery Monitor.
CE_E
2106[0]
0
0
R/W CE enable.
CE_LCTN[5:0]
2109[5:0]
31 31 R/W
CE program location. The starting address for the CE program is
1024*CE_LCTN.
CHIP_ID[15:8]
CHIP_ID[7:0]
2300[7:0]
2301[7:0]
0
0
0
0
R
R
These bytes contain the chip identification.
CHOP_E[1:0]
2106[3:2]
0
0
R/W
Chop enable for the reference bandgap circuit. The value of CHOP changes
on the rising edge of MUXSYNC according to the value in CHOP_E:
00 = toggle
1
01 = positive
10 = reversed
11 = toggle
1except at the mux sync edge at the end of an accumulation interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com