Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 113 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 113 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 109Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 110Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 111Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 112Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 113Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 114Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 115Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 116Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 117Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
113
Name
Location
Rst Wk
Dir
Description
DIO_PV
2457[6]
0
–
R/W Causes VARPULSE to be output on pin SEGDIO1, if LCD_MAP[1] = 0.
DIO_PW
2457[7]
0
–
R/W Causes WPULSE to be output on pin SEGDIO0, if LCD_MAP[0] = 0.
DIO_PX
2458[7]
0
–
R/W Causes XPULSE to be output on pin SEGDIO6 , if LCD_MAP[6] = 0.
DIO_PY
2458[6]
0
–
R/W Causes YPULSE to be output on pin SEGDIO7 , if LCD_MAP[7] = 0.
EEDATA[7:0]
SFR 9E
0
0
R/W Serial EEPROM interface data.
EECTRL[7:0]
SFR 9F
0
0
R/W
Serial EEPROM interface control.
Status
Bit
Name
Read/
Write
Reset
State
Polarity Description
7
ERROR
R
0
Positive
1 when an illegal command
is received.
6
BUSY
R
0
Positive
1 when serial data bus is
busy.
5
RX_ACK
R
1
Positive
1 indicates that the
EEPROM sent an ACK bit.
EQU[2:0]
2106[7:5]
0
0
R/W
Specifies the power equation.
EQU
Watt & VAR Formula
(WSUM/VARSUM)
Inputs Used for Energy/Current
Calculation
W0SUM/
VAR0SUM
W1SUM/
VAR1SUM
I0SQ
SUM
I1SQ
SUM
0
VA*IA
1 element, 2W 1
f
VA*IA
VA*IB
1
IA
IB
1
1
VA*(IA-IB)/2
1 element, 3W 1
f
VA*(IA-IB)/2
–
IA-IB
IB
2
†
VA*IA + VB*IB
2 element, 3W 3
f Delta
VA*IA
VB*IB
IA
IB
Note:
1.
Optionally, IB may be used to measure neutral current.
† 71M6542F/G only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com