Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 109 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 109 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 105Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 106Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 107Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 108Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 109Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 110Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 111Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 112Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 113Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
109
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TMUX2
2503
U
U
U
TMUX2[4:0]
RTC1
2504
U
RTCA_ADJ[6:0]
71M6x01 Interface
REMOTE2
2602
RMT_RD[15:8]
REMOTE1
2603
RMT_RD[7:0]
RBITS
INT1_E
2700
EX_EEX
EX_XPULSE
EX_YPULSE
EX_RTCT
U
EX_RTC1M
EX_RTC1S
EX_XFER
INT2_E
2701
EX_SPI
EX_WPULSE
EX_VPULSE
U
U
U
U
U
SECURE
2702
FLSH_UNLOCK[3:0]
R
FLSH_RDE
FLSH_WRE
R
Analog0
2704
VREF_CAL
VREF_DIS
PRE_E
ADC_E
BCURR
SPARE[2:0]
VERSION
2706
VERSION[7:0]
INTBITS
2707
U
INT6
INT5
INT4
INT3
INT2
INT1
INT0
FLAG0
SFR E8
IE_EEX
IE_XPULSE
IE_YPULSE
IE_RTCT
U
IE_RTC1M
IE_RTC1S
IE_XFER
FLAG1
SFR F8
IE_SPI
IE_WPULSE
IE_VPULSE
U
U
U
U
PB_STATE
STAT
SFR F9
U
U
U
PLL_OK
U
VSTAT[2:0]
REMOTE0
SFR FC
PERR_RD
PERR_WR
RCMD[4:0]
SPI1
SFR FD
SPI_CMD[7:0]
SPI0
2708
SPI_STAT[7:0]
RCE0
2709
CHOPR[1:0]
R
R
RMT_E
R
R
R
RTMUX
270A
U
R
R
R
U
TMUXRA[2:0]
DIO3
270C
U
U
PORT_E
SPI_E
SPI_SAFE
U
U
U
NV RAM and RTC
NVRAMxx
2800-
287F
NVRAM[0] – NVRAM[7F] – Direct Access
WAKE
2880
WAKE_TMR[7:0]
STEMP1
2881
STEMP[10:3]
STEMP0
2882
STEMP[2:0]
U
U
U
U
U
BSENSE
2885
BSENSE[7:0]
LKPADDR
2887
LKPAUTOI
LKPADDR[6:0]
LKPDATA
2888
LKPDAT[7:0]
LKPCTRL
2889
U
U
U
U
U
U
LKP_RD
LKP_WR
RTC0
2890
RTC_WR
RTC_RD
U
RTC_FAIL
U
U
U
U
RTC2
2892
RTC_SBSC[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com