Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 106 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 106 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 102Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 103Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 104Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 105Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 106Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 107Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 108Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 109Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 110Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
106
Rev 5
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LCD_MAP5
2015
LCD_MAP[47:40]
LCD_MAP4
2016
LCD_MAP[39:32]
LCD_MAP3
2017
LCD_MAP[31:24]
LCD_MAP2
2018
LCD_MAP[23:16]
LCD_MAP1
2019
LCD_MAP[15:8]
LCD_MAP0
201A
LCD_MAP[7:0]
DIO_R5
201B
U
U
U
U
U
DIO_RPB[2:0]
DIO_R4
201C
U
DIO_R11[2:0]
U
DIO_R10[2:0]
DIO_R3
201D
U
DIO_R9[2:0]
U
DIO_R8[2:0]
DIO_R2
201E
U
DIO_R7[2:0]
U
DIO_R6[2:0]
DIO_R1
201F
U
DIO_R5[2:0]
U
DIO_R4[2:0]
DIO_R0
2020
U
DIO_R3[2:0]
U
DIO_R2[2:0]
DIO0
2021
DIO_EEX[1:0]
U
U
OPT_TXE[1:0]
OPT_TXMOD
OPT_TXINV
DIO1
2022
DIO_PW
DIO_PV
OPT_FDC[1:0]
U
OPT_RXDIS
OPT_RXINV
OPT_BB
DIO2
2023
DIO_PX
DIO_PY
U
U
U
U
U
U
INT1_E
2024
EX_EEX
EX_XPULSE
EX_YPULSE
EX_RTCT
U
EX_RTC1M
EX_RTC1S
EX_XFER
INT2_E
2025
EX_SPI
EX_WPULSE
EX_VPULSE
U
U
U
U
U
WAKE_E
2026
EW_RX
EW_PB
EW_DIO4
EW_DIO52
†
EW_DIO55
SFMM
2080
SFMM[7:0]*
SFMS
2081
SFMS[7:0]*
Notes:
*SFMM and SFMS are accessible only through the SPI slave port. See Invoking SFM (page 77) for details.
† 71M6542F/G only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com