Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 115 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 115 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 111Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 112Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 113Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 114Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 115Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 116Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 117Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 118Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 119Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
115
Name
Location
Rst Wk
Dir
Description
FL_BANK
SFR B6
01 01 R/W
Flash Bank Selection (71M6541G and 71M6542G only)
The program memory of the 71M6541G/71M6542G consists of a fixed lower
bank of 32 KB, addressable at 0x0000 to 0x7FFF plus an upper banked area
of 32 KB, addressable at 0x8000 to 0xFFFF. The I/O RAM register FL_BANK
is used to switch one of four memory banks of 32 KB each into the address
range from 0x8000 to 0xFFFF. Note that when FL_BANK = 0, the upper bank
is the same as the lower bank.
FL_BANK[1:0]
Address Range for
Lower Bank
(0x0000-0x7FFF)
Address Range for
Upper Bank
(0x8000-0xFFFF)
00
0x0000-0x7FFF
0x00000-0x07FFF
01
0x0000-0x7FFF
0x08000-0x0FFFF
10
0x0000-0x7FFF
0x10000-0x17FFF
11
0x0000-0x7FFF
0x18000-0x1FFFF
FLSH_ERASE[7:0]
SFR 94[7:0]
0
0
W
Flash Erase Initiate
FLSH_ERASE is used to initiate either the Flash Mass Erase cycle or the Flash
Page Erase cycle. Specific patterns are expected for FLSH_ERASE in order
to initiate the appropriate Erase cycle.
(default = 0x00).
0x55 = Initiate Flash Page Erase cycle. Must be proceeded by a write to
FLSH_PGADR[5:0] (SFR 0xB7[7:2]).
0xAA = Initiate Flash Mass Erase cycle. Must be proceeded by a write to
FLSH_MEEN and the ICE port must be enabled.
Any other pattern written to FLSH_ERASE has no effect.
FLSH_MEEN
SFR B2[1]
0
0
W
Mass Erase Enable
0 = Mass Erase disabled (default).
1 = Mass Erase enabled.
Must be re-written for each new Mass Erase cycle.
FLSH_PEND
SFR B2[3]
0
0
R
Indicates that a timed flash write is pending. If another flash write is attempted,
it is ignored.
FLSH_PGADR[5:0]
SFR B7[7:2]
0
0
W
Flash Page Erase Address
FLSH_PGADR[5:0] – Flash Page Address (page 0 thru 63) that is erased during
the Page Erase cycle. (default = 0x00).
Must be re-written for each new Page Erase cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com