Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 119 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 119 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 115Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 116Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 117Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 118Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 119Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 120Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 121Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 122Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 123Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
119
Name
Location
Rst Wk
Dir
Description
MPU_DIV[2:0]
2200[2:0]
0
0
R/W
MPU clock rate is:
MPU Rate = MCK Rate * 2
-(2+MPU_DIV[2:0]).
The maximum value for MPU_DIV[2:0] is 4. Based on the default values of
the PLL_FAST bit and MPU_DIV[2:0], the power up MPU rate is 6.29 MHz / 4
= 1.5725 MHz. The minimum MPU clock rate is 38.4 kHz when PLL_FAS T =
1.
MUX0_SEL[3:0]
2105[3:0]
0
0
R/W Selects which ADC input is to be converted during time slot 0.
MUX1_SEL[3:0]
2105[7:4]
0
0
R/W Selects which ADC input is to be converted during time slot 1.
MUX2_SEL[3:0]
2104[3:0]
0
0
R/W Selects which ADC input is to be converted during time slot 2.
MUX3_SEL[3:0]
2104[7:4]
0
0
R/W Selects which ADC input is to be converted during time slot 3.
MUX4_SEL[3:0]
2103[3:0]
0
0
R/W Selects which ADC input is to be converted during time slot 4.
MUX5_SEL[3:0]
2103[7:4]
0
0
R/W Selects which ADC input is to be converted during time slot 5.
MUX6_SEL[3:0]
2102[3:0]
0
0
R/W Selects which ADC input is to be converted during time slot 6.
MUX7_SEL[3:0]
2102[7:4]
0
0
R/W Selects which ADC input is to be converted during time slot 7.
MUX8_SEL[3:0]
2101[3:0]
0
0
R/W Selects which ADC input is to be converted during time slot 8.
MUX9_SEL[3:0]
2101[7:4]
0
0
R/W Selects which ADC input is to be converted during time slot 9.
MUX10_SEL[3:0]
2100[3:0]
0
0
R/W Selects which ADC input is to be converted during time slot 10.
MUX_DIV[3:0]
2100[7:4]
0
0
R/W
MUX_DIV[3:0] is the number of ADC time slots in each MUX frame. The
maximum number of time slots is 11.
OPT_BB
2457[0]
0
–
R/W
Configures the input of the optical port to be a DIO pin to allow it to be
bit-banged. In this case, DIO5 becomes a third high speed UART. Refer to
2.5.7 UART and Optical Interface under the “Bit Banged Optical UART
(Third UART)” sub-heading on page 58.
OPT_FDC[1:0]
2457[5:4]
0
–
R/W
Selects OPT_TX modulation duty cycle.
OPT_FDC
Function
00
50% Low
01
25% Low
10
12.5% Low
11
6.25% Low
OPT_RXDIS
2457[2]
0
–
R/W
OPT_RX can be configured as an input to the optical UART or as SEGDIO55.
OPT_RXDIS = 0 and LCD_MAP[55] = 0: OPT_RX
OPT_RXDIS = 1 and LCD_MAP[55] = 0: DIO55
OPT_RXDIS = 0 and LCD_MAP[55] = 1: SEG55
OPT_RXDIS = 1 and LCD_MAP[55] = 1: SEG55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com