Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 121 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 121 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 117Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 118Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 119Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 120Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 121Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 122Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 123Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 124Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 125Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
121
Name
Location
Rst Wk
Dir
Description
PLS_INTERVAL[7:0]
210B[7:0]
0
0
R/W
PLS_INTERVAL[7:0] determines the interval time between pulses. The time
between output pulses is PLS_INTERVAL[7:0]*4 in units of CK_FIR clock
cycles. If PLS_INTERVAL[7:0] = 0, the FIFO is not used and pulses are output
as soon as the CE issues them. PLS_INTERVAL[7:0] is calculated as follows:
PLS_INTERVAL[7:0] = Floor ( Mux frame duration in CK_FIR cycles / CE pulse
updates per Mux frame / 4 )
For example, since the 71M654x CE code is written to generate 6 pulses in one
integration interval, when the FIFO is enabled (i.e., PLS_INTERVAL[7:0]
≠ 0)
and that the frame duration is 1950 CK_FIR clock cycles, PLS_INTERVAL[7:0]
should be written with Floor(1950 / 6 / 4) = 81 so that the five pulses are
evenly spaced in time over the integration interval and the last pulse is issued
just prior to the end of the interval. See 2.3.6.2 VPULSE and WPULSE.
PLS_INV
210C[0]
0
0
R/W
Inverts the polarity of WPULSE, VARPULSE, XPULSE and YPULSE.
Normally, these pulses are active low. When inverted, they become active
high.
PORT_E
270C[5]
0
0
R/W
Enables outputs from the pins SEGDIO0-SEGDIO15. PORT_E = 0 after reset
and power-up blocks the momentary output pulse that would occur on
SEGDIO0 to SEGDIO15.
PRE_E
2704[5]
0
0
R/W Enables the 8x pre-amplifier.
PREBOOT
SFRB2[7]
–
–
R
Indicates that pre-boot sequence is active.
RCMD[4:0]
SFR FC[4:0]
0
0
R/W
When the MPU writes a non-zero value to RCMD[4:0], the IC issues a
command to the appropriate remote sensor. When the command is complete,
the IC clears RCMD[4:0].
RESET
2200[3]
0
0
W
When set, writes a one to WF_RSTBIT and then causes a reset.
RFLY_DIS
210C[3]
0
0
R/W
Controls how the IC drives the power pulse for the 71M6x01. When set, the
power pulse is driven high and low. When cleared, it is driven high followed
by an open circuit fly-back interval.
RMT_E
2709[3]
0
0
R/W
Enables the remote digital isolation interface, which transforms the IBP-IBN
pins into a digital balanced differential pair. Thus, enabling these pins to
interface to the 71M6x01 isolated sensor.
RMT_RD[15:8]
RMT_RD[7:0]
2602[7:0]
2603[7:0]
0
0
R
Response from remote read request.
RTC_FAIL
2890[4]
0
0
R
Indicates that a count error has occurred in the RTC and that the time is not
trustworthy. This bit can be cleared by writing a 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com