Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 125 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 125 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 121Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 122Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 123Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 124Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 125Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 126Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 127Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 128Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 129Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
125
Name
Location
Rst Wk
Dir
Description
VSTAT[2:0]
SFR F9[2:0]
–
–
R
This word describes the source of power and the status of the VDD.
VSTAT Description
000
System Power OK. V3P3A>3.0v. Analog modules are functional
and accurate. [V3AOK,V3OK] = 11
001
System Power Low. 2.8v<V3P3A<3.0v. Analog modules not
accurate. Switch over to battery power is imminent.
[V3AOK,V3OK] = 01
010
Battery power and VDD OK. VDD>2.25v. Full digital functionality.
[V3AOK,V3OK] = 00, [VDDOK,VDDgt2] = 11
011
Battery power and VDD>2.0. Flash writes are inhibited. If the
TRIMVDD[5] fuse is blown, PLL_FAST (I/O RAM 0x2200[4]) is
cleared.
[V3AOK,V3OK] = 00, [VDDOK,VDDgt2] = 01
101
Battery power and VDD<2.0. When VSTAT=101, processor is
nearly out of voltage. Processor failure is imminent.
[V3AOK,V3OK] = 00, [VDDOK,VDDgt2] = 00
WAKE_ARM
28B2[5]
0
–
R/W
Arms the WAKE timer and loads it with WAKE_TMR[7:0]. When SLEEP or
LCD_ONLY is asserted by the MPU, the WAKE timer becomes active.
WAKE_TMR[7:0]
2880[7:0]
0
–
R/W Timer duration is WAKE_TMR+1 seconds.
WD_RST
28B4[7]
0
0
W
Reset the WD timer. The WD is reset when a 1 is written to this bit. Writing a
one clears and restarts the watch dog timer.
WF_DIO4
28B1[2]
0
–
R
DIO4 wake flag bit. If DIO4 is configured to wake the part, this bit is set
whenever the de-bounced version of DIO4 rises. It is held in reset if DI04 is
not configured for wakeup.
WF_DIO52
28B1[1]
0
–
R
DIO52 wake flag bit. If DIO52 is configured to wake the part, this bit is set
whenever the de-bounced version of DIO52 rises. It is held in reset if DI052 is
not configured for wakeup.
WF_DIO55
28B1[0]
0
–
R
DIO55 wake flag bit. If DIO55 is configured to wake the part, this bit is set
whenever the de-bounced version of DIO55 rises. It is held in reset if DI055 is
not configured for wakeup.
WF_TMR
28B1[5]
0
–
R
Indicates that the wake timer caused the part to wake up.
WF_PB
28B1[3]
0
–
R
Indicates that the PB caused the part to wake.
WF_RX
28B1[4]
0
–
R
Indicates that RX caused the part to wake.
WF_CSTART
WF_RST
WF_RSTBIT
WF_OVF
WF_ERST
WF_BADVDD
28B0[7]
28B0[6]
28B0[5]
28B0[4]
28B0[3]
28B0[2]
0
1
0
0
0
0
–
R
Indicates that the Reset pin, Reset bit, ERST pin, Watchdog timer, the cold
start detector, or bad VBAT caused the part to reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com