Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 126 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 126 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 122Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 123Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 124Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 125Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 126Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 127Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 128Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 129Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 130Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
126
Rev 5
5.3
CE Interface Description
5.3.1
CE Program
The CE performs the precision computations necessary to accurately measure energy. These computations
include offset cancellation, phase compensation, product smoothing, product summation, frequency
detection, VAR calculation, sag detection and voltage phase measurement. All data computed by the CE
is dependent on the selected meter equation as given by EQU[2:0] (I/O RAM 0x2106[7:5]).
The CE program is supplied by Maxim as a data image that can be merged with the MPU operational
code for meter applications. Typically, the CE program provided with the demonstration code covers most
applications and does not need to be modified. Other variations of CE code are available from Maxim.
The descriptions provided in this section apply to the CE code revisions shown in Table 77. Contact the
local Maxim representative to obtain the appropriate CE code required for a specific application.
Table 77. Standard CE Codes
Device
Local Sensors
Remote Sensor
71M6541D/F/G
CE41A01 (Eq. 0 or 1)
CE41B016601
CE41B016201
(Eq. 0, 1 or 2)
71M6542F/G
CE41A01 (Eq. 0 or 1)
CE41A04 (Eq. 2)
5.3.2
CE Data Format
All CE words are 4 bytes. Unless specified otherwise, they are in 32-bit two’s complement format
(-1 = 0xFFFFFFFF). Calibration parameters are defined in flash memory (or external EEPROM) and
must be copied to CE data memory by the MPU before enabling the CE. Internal variables are used in
internal CE calculations. Input variables allow the MPU to control the behavior of the CE code. Output
variables are outputs of the CE calculations. The corresponding MPU address for the most significant
byte is given by 0x0000 + 4 x CE_address and by 0x0003 + 4 x CE_address for the least significant byte.
5.3.3
Constants
Constants used in the CE Data Memory tables are:
•
Sampling Frequency: FS = 32768 Hz/13 = 2520.62 Hz.
•
F0 is the fundamental frequency of the mains phases.
•
IMAX is the external rms current corresponding to 250 mV pk (176.8 mV rms) at the inputs IA and IB.
IMAX needs to be adjusted if the pre-amplifier is activated for the IAP-IAN inputs.
For a 250 µΩ shunt
resistor, IMAX
becomes 707 A (176.8 mV rms / 250 µΩ = 707.2 A rms).
•
VMAX is the external rms voltage corresponding to 250 mV pk at the VA and VB inputs.
•
NACC, the accumulation count for energy measurements is SUM_SAMPS[12:0] (I/O RAM 0x2107[4:0],
0x2108[7:0]).
•
The duration of the accumulation interval for energy measurements is SUM_SAMPS[12:0] / FS.
•
X is a gain constant of the pulse generators. Its value is determined by PULSE_FAST and PULSE_SLOW
(see Table 83).
•
Voltage LSB (for sag threshold) = VMAX * 7.879810
-9 V.
The system constants IMAX and VMAX are used by the MPU to convert internal digital quantities (as
used by the CE) to external, i.e., metering quantities. Their values are determined by the scaling of the
voltage and current sensors used in an actual meter. The LSB values used in this document relate digital
quantities at the CE or MPU interface to external meter input quantities. For example, if a SAG threshold
of 80 V rms is desired at the meter input, the digital value that should be programmed into SAG_THR (CE
RAM 0x24) would be 80 Vrms * SQRT(2)/SAG_THRLSB, where SAG_THRLSB is the LSB value in the
description of SAG_THR (see Table 84).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com