Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 129 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 129 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 125Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 126Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 127Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 128Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 129Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 130Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 131Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 132Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 133Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
129
status flags for the preceding CE code pass (CE_BUSY interrupt). The significance of the bits in
CESTATUS is shown in Table 81.
Table 81: CESTATUS (CE RAM 0x80) Bit Definitions
CESTATUS
bit
Name
Description
31:4
Not Used
These unused bits are always zero.
3
F0
F0 is a square wave at the exact fundamental input frequency.
2
Not Used
This unused bit is always zero.
1
SAG_B
Normally zero. Becomes one when VB remains below SAG_THR for
SAG_CNT samples. Does not return to zero until VB rises above
SAG_THR.
0
SAG_A
Normally zero. Becomes one when VA remains below SAG_THR for
SAG_CNT samples. Does not return to zero until VA rises above
SAG_THR.
The CE is initialized by the MPU using CECONFIG (Table 82). This register contains in packed form
SAG_CNT, FREQSEL[1:0], EXT_PULSE, PULSE_SLOW and PULSE_FAST. The CECONFIG bit definitions are
given in Table 83.
Table 82: CECONFIG Register
CE
Address
Name
Data
Description
0x20
CECONFIG
0x0030DB00
1
0x00B0DB00
2
See description of the CECONFIG bits in
Table 83.
1.
Default for CE41A01 (71M6541D/F/G or CE41A04 (71M6542F/G) CE code for use with local
sensors.
2.
Default for CE41B016201 and CE41B016601 codes that support the 71M6x01 remote
sensors.
Table 83: CECONFIG (CE RAM 0x20) Bit Definitions
CECONFIG
bit
Name
Default
Description
23
Reserved
0
Reserved (can be used by the MPU to indicate that the
71M6x01 is being used; CE does not use this).
22
EXT_TEMP
0
When 1, the MPU controls temperature compensation via the
GAIN_ADJn registers (CE RAM 0x40-0x42), when 0, the CE is in
control.
21
EDGE_INT
1
When 1, XPULSE produces a pulse for each zero-crossing of
the mains phase selected by FREQSEL[1:0] , which can be used
to interrupt the MPU.
20
SAG_INT
1
When 1, activates YPULSE output when a sag condition is
detected.
19:8
SAG_CNT
252
(0xFC)
The number of consecutive voltage samples below SAG_THR
(CE RAM 0x24) before a sag alarm is declared. The default value
is equivalent to 100 ms.
7:6
FREQSEL[1:0]
0
FREQSEL[1:0] selects the phase to be used for the frequency
monitor, sag detection, and for the zero crossing counter
(MAINEDGE_X, CE RAM 0x83).
FREQ SEL[1:0]
Phase Selected
0
0
A
0
1
B*
1
X
Not allowed
*71M6542F/G only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com