Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 133 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 133 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 129Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 130Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 131Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 132Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 133Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 134Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 135Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 136Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 137Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
133
Table 89: Other Transfer Variables
CE
Address
Name
Description
0x82
FREQ_X
Fundamental frequency: LSB
6
32
10
509
.
0
2
6
.
2520
−
⋅
≈
≡
Hz
Hz(for Local)
LSB
6
32
10
587
.
0
2
6
.
2520
−
⋅
≈
≡
Hz
Hz(for Remote)
0x83
MAINEDGE_X
The number of edge crossings of the selected voltage in the previous
accumulation interval. Edge crossings are either direction and are
de-bounced.
5.3.9
Pulse Generation
Table 90 describes the CE pulse generation parameters.
The combination of the CECONFIG PULSE_SLOW and PULSE_FAST bits (CE RAM 0x20[0:1]) controls the
speed of the pulse rate. The default values of 0 and 0 maintain the original pulse rate given by the Kh
equation.
WRATE (CE RAM 0x21) controls the number of pulses that are generated per measured Wh and VARh
quantities. The lower WRATE is, the slower the pulse rate for the measured energy quantity. The metering
constant Kh is derived from WRATE as the amount of energy measured for each pulse. That is, if Kh =
1Wh/pulse, a power applied to the meter of 120 V and 30 A results in one pulse per second. If the load
is 240 V at 150 A, ten pulses per second are generated.
Control is transferred to the MPU for pulse generation if EXT_PULSE = 1 (CE RAM 0x20[5]). In this case,
the pulse rate is determined by APULSEW and APULSER (CE RAM 0x45 and 0x49). The MPU has to
load the source for pulse generation in APULSEW and APULSER to generate pulses. Irrespective of the
EXT_PULSE status, the output pulse rate controlled by APULSEW and APULSER is implemented by the CE
only. By setting EXT_PULSE = 1, the MPU is providing the source for pulse generation. If EXT_PULSE is
0, W0SUM_X (CE RAM 0x85) and VAR0SUM_X (CE RAM 0x89) are the default pulse generation sources. In
this case, creep cannot be controlled since it is an MPU function.
The maximum pulse rate is 3*FS = 7.56 kHz.
See 2.3.6.2 VPULSE and WPULSE for details on how to adjust the timing of the output pulses.
The maximum time jitter is 1/6 of the multiplexer cycle period (nominally 67 µs) and is independent of the
number of pulses measured. Thus, if the pulse generator is monitored for one second, the peak jitter is
67 ppm. After 10 seconds, the peak jitter is 6.7 ppm. The average jitter is always zero. If it is attempted
to drive either pulse generator faster than its maximum rate, it simply outputs at its maximum rate without
exhibiting any rollover characteristics. The actual pulse rate, using WSUM as an example, is:
Hz
X
F
WSUM
WRATE
RATE
S
46
2
⋅
⋅
⋅
=
,
where FS = sampling frequency (2520.6 Hz), X = Pulse speed factor derived from the CE variables
PULSE_SLOW (CE RAM 0x20[0]) and PULSE_FAST (CE RAM 0x20[1]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com