Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 134 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 134 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 130Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 131Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 132Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 133Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 134Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 135Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 136Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 137Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 138Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
134
Rev 5
Table 90: CE Pulse Generation Parameters
CE
Address
Name
Default
Description
0x21
WRATE
547
pulse
Wh
X
N
WRATE
K
IMAX
VMAX
Kh
ACC
/
⋅
⋅
⋅
⋅
⋅
=
where:
K = 66.1782 (Local Sensors)
K = 109.1587 (Remote Sensor)
K = 47.1132 (ce41a04 and Local Sensors)
NACC = SUM_SAMPS[12:0] (CE RAM 0x23)
See Table 83 for the definition of X.
The default value yields 1.0 Wh/pulse for VMAX = 600 V and
IMAX = 208 A. The maximum value for WRATE is 32,768 (2
15).
0x22
KVAR
6444
Scale factor for VAR measurement.
0x23
SUM_SAMPS
2520
SUM_SAMPS (NACC).
0x45
APULSEW
0
Wh pulse (WPULSE) generator input to be updated by the MPU
when using external pulse generation. The output pulse rate is:
APULSEW * FS * 2
-32 * WRATE * X * 2-14.
This input is buffered and can be updated by the MPU during a
conversion interval. The change takes effect at the beginning of
the next interval.
0x46
WPULSE_CTR
0
WPULSE counter.
0x47
WPULSE_FRAC
0
Unsigned numerator, containing a fraction of a pulse. The value
in this register always counts up towards the next pulse.
0x48
WSUM_ACCUM
0
Roll-over accumulator for WPULSE.
0x49
APULSER
0
VARh (VPULSE) pulse generator input.
0x4A
VPULSE_CTR
0
VPULSE counter.
0x4B
VPULSE_FRAC
0
Unsigned numerator, containing a fraction of a pulse. The value
in this register always counts up towards the next pulse.
0x4C
VSUM_ACCUM
0
Roll-over accumulator for VPULSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com