Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 132 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 132 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 128Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 129Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 130Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 131Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 132Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 133Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 134Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 135Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 136Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
132
Rev 5
WSUM_X (CE RAM 0x84) and VARSUM_X (CE RAM 0x88) are the signed sum of Phase-A and Phase-B Wh
or VARh values according to the metering equation specified in the I/O RAM control field EQU[2:0] (I/O
RAM 0x2106[7:5]). WxSUM_X (x = 0 or 1, CE RAM 0x85 and 0x86) is the Wh value accumulated for phase x
in the last accumulation interval and can be computed based on the specified LSB value.
5.3.8.2 Instantaneous Energy Measurement Variables
IxSQSUM_X and VxSQSUM (see Table 87) are the sum of the squared current and voltage samples
acquired during the last accumulation interval.
Table 87: CE Energy Measurement Variables (with Local Sensors)
CE
Address
Name
Description
Configuration
0x8C
I0SQSUM_X
The sum of squared current samples from each
element.
LSB = 9.4045*10
-13 IMAX2 A2h
For ce41a04, LSB = 6.6952*10
-13 IMAX2 A2h.
When EQU = 1, I0SQSUM_X is based on IA and
IB.
Figure 35 (page 93)
Figure 37 (page 95)
0x8D
I1SQSUM_X
0x90
V0SQSUM_X
The sum of squared voltage samples from each
element.
LSB = 9.4045*10
-13 VMAX2 V2h
For ce41a04, LSB = 6.6952*10^
-13 VMAX2 V2h.
0x91
†
V1SQSUM_X
† 71M6542 only.
Table 88: CE Energy Measurement Variables (with Remote Sensor)
CE
Address
Name
Description
Configuration
0x8C
I0SQSUM_X
The sum of squared current samples from each
element.
LSBI = 2.55872*10
-12 * IMAX2 A2h
When EQU = 1, I0SQSUM_X is based on IA and
IB.
Figure 36 (page 94)
Figure 38 (page 96)
0x8D
I1SQSUM_X
0x90
V0SQSUM_X
The sum of squared voltage samples from each
element.
LSBV= 9.40448*10
-13 * VMAX2 V2h
0x91
†
V1SQSUM_X
† 71M6542 only.
The RMS values can be computed by the MPU from the squared current and voltage samples as follows:
Note: NACC = SUM_SAMPS[12:0] (CE RAM 0x23).
Other Transfer variables include those available for frequency and phase measurement, and those
reflecting the count of the zero-crossings of the mains voltage and the battery voltage. These transfer
variables are listed in Table 89.
MAINEDGE_X (CE RAM 0x83) reflects the number of half-cycles accounted for in the last accumulated
interval for the AC signal of the phase specified in the FREQSEL[1:0] field in CECONFIG (CE RAM 0x20[7:6]).
MAINEDGE_X is useful for implementing a real-time clock based on the input AC signal.
ACC
S
I
RMS
N
F
LSB
IxSQSUM
Ix
⋅
⋅
⋅
=
3600
ACC
S
V
RMS
N
F
LSB
VxSQSUM
Vx
⋅
⋅
⋅
=
3600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com