Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 130 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 130 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 126Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 127Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 128Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 129Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 130Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 131Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 132Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 133Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 134Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
130
Rev 5
5
EXT_PULSE
1
When zero, causes the pulse generators to respond to internal
data (WPULSE = WSUM_X (CE RAM 0x84), VPULSE = VARSUM_X
(CE RAM 0x88)). Otherwise, the generators respond to values the
MPU places in APULSEW and APULSER (CE RAM 0x45 and 0x49).
4:2
Reserved
0
Reserved.
1
PULSE_FAST
0
When PULSE_FAST = 1, the pulse generator input is increased
16x. When PULSE_SLOW = 1, the pulse generator input is
reduced by a factor of 64. These two parameters control the
pulse gain factor X (see table below). Allowed values are either
1 or 0. Default is 0 for both (X = 6).
PULSE_FAST PULSE_SLOW
X
0
0
1.5 * 2
2 = 6
1
0
1.5 * 2
6 = 96
0
1
1.5 * 2
-4 = 0.09375
1
1
Do not use
0
PULSE_SLOW
0
The FREQSEL[1:0] field in CECONFIG (CE RAM 0x20[7:6]) selects the phase that is utilized to generate a sag
interrupt. Thus, a SAG_INT event occurs when the selected phase has satisfied the sag event criteria as
set by the SAG_THR (CE RAM 0x24) register and the SAG_CNT field in CECONFIG (CE RAM 0x20[19:8]).
When the SAG_INT bit (CE RAM 0x20[20]) is set to 1, a sag event generates a transition on the YPULSE
output. In a two-phase system (71M6542F/G), and after a sag interrupt, the MPU should change the
FREQSEL[1:0] setting to select the other phase, if it is powered. Even though a sag interrupt is only
generated on the selected phase, both phases are simultaneously checked for sag. The presence of
power on a given phase can be sensed by directly checking the SAG_A and SAG_B bits in CESTATUS (CE
RAM 0x80[0:1]).
The EXT_TEMP bit enables temperature compensation by the MPU, when set to 1. When 0, internal (CE)
temperature compensation is enabled.
The CE pulse generator can be controlled by either the MPU (external) or CE (internal) variables. Control is by
the MPU if the EXT_PULSE bit = 1 (CE RAM 0x20[5]). In this case, the MPU controls the pulse rate (external
pulse generation) by placing values into APULSEW and APULSER (CE RAM 0x45 and 0x49). By setting
EXT_PULSE = 0, the CE controls the pulse rate based on WSUM_X (CE RAM 0x84) and VARSUM_X (CE
RAM 0x88).
The 71M6541D/F/G and 71M6542F/G Demo Code creep function halts both internal and external
pulse generation.
Table 84: Sag Threshold and Gain Adjust Control
CE
Address
Name
Default
Description
0x24
SAG_THR
2.39*10
7
The voltage threshold for sag warnings. The default value is
equivalent to 113Vpk or 80 Vrms if VMAX = 600 Vrms.
������������_������������= ����������������∙√2
����������������∙7.8798∙10−9
0x40
GAIN_ADJ0
16384
This register scales the voltage measurement channels VA and
VB*. The default value of 16384 is equivalent to unity gain (1.000).
*71M6542F/G only
0x41
GAIN_ADJ1
16384
This register scales the IA current channel for Phase A. The
default value of 16384 is equivalent to unity gain (1.000).
0x42
GAIN_ADJ2
16384
This register scales the IB current channel for Phase B. The
default value of 16384 is equivalent to unity gain (1.000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com