Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 131 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 131 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 127Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 128Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 129Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 130Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 131Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 132Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 133Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 134Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 135Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
131
5.3.8
CE Transfer Variables
When the MPU receives the XFER_BUSY interrupt, it knows that fresh data is available in the transfer
variables. CE transfer variables are modified during the CE code pass that ends with an XFER_BUSY
interrupt. They remain constant throughout each accumulation interval. In this data sheet, the names of
CE transfer variables always end with “_X”. The transfer variables can be categorized as:
•
Fundamental energy measurement variables
•
Instantaneous (RMS) values
•
Other measurement parameters
5.3.8.1 Fundamental Energy Measurement Variables
Table 85 and Table 86 describe each transfer variable for fundamental energy measurement. All
variables are signed 32-bit integers. Accumulated variables such as WSUM are internally scaled so they
have at least 2x margin before overflow when the integration time is one second. Additionally, the hardware
does not permit output values to fold back upon overflow.
Table 85: CE Transfer Variables (with Local Sensors)
CE
Address
Name
Description
Configuration
0x84
†
WSUM_X
The signed sum: W0SUM_X+W1SUM_X. Not used
for EQU[2:0] = 0 (I/O RAM 0x2106[7:5]) and
EQU[2:0] = 1.
Figure 35 (page 93)
Figure 37 (page 95)
0x85
W0SUM_X
The sum of Wh samples from each wattmeter
element.
LSB = 9.4045*10
-13 * VMAX * IMAX Wh.
For ce41a04: LSB = 6.6952*10
-13 * VMAX * IMAX
Wh.
0x86
W1SUM_X
0x88
†
VARSUM_X
The signed sum: VAR0SUM_X+VAR1SUM_X. Not
used for EQU[2:0] = 0 and EQU[2:0] = 1.
0x89
VAR0SUM_X
The sum of VARh samples from each wattmeter
element.
LSB = 9.4045*10
-13 * VMAX * IMAX VARh.
For ce41a04, LSB = 6.6952*10
-13 * VMAX * IMAX
VARh.
0x8A
VAR1SUM_X
Note:
† 71M6542 only.
Table 86: CE Transfer Variables (with Remote Sensor)
CE
Address
Name
Description
Configuration
0x84
†
WSUM_X
The signed sum: W0SUM_X+W1SUM_X. Not used
for EQU[2:0] = 0 (I/O RAM 0x2106[7:5]) and
EQU[2:0] = 1.
Figure 36 (page 94)
Figure 38 (page 96)
0x85
W0SUM_X
The sum of Wh samples from each wattmeter
element.
LSB = 1.55124*10
-12 * VMAX* IMAX Wh.
0x86
W1SUM_X
0x88
†
VARSUM_X
The signed sum: VAR0SUM_X+VAR1SUM_X. Not
used for EQU[2:0] = 0 and EQU[2:0] = 1.
0x89
VAR0SUM_X
The sum of VARh samples from each wattmeter
element.
LSB = 1.55124*10
-12 *VMAX* IMAX VARh.
0x8A
VAR1SUM_X
Note:
† 71M6542 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com