Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 123 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 123 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 119Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 120Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 121Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 122Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 123Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 124Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 125Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 126Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 127Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
Rev 5
123
Name
Location
Rst Wk
Dir
Description
SECURE
SFR B2[6]
0
0
R/W
Inhibits erasure of page 0 and flash addresses above the beginning of CE code
as defined by CE_LCTN[5:0]. Also inhibits the read of flash via the SPI and ICE
port.
SLEEP
28B2[7]
0
0
W
Puts the part to SLP mode. Ignored if system power is present. The part
wakes when the Wake timer times out, when push button is pushed, or when
system power returns.
SPI_CMD[7:0]
SFR FD[7:0]
–
–
R
SPI command register for the 8-bit command from the bus master.
SPI_E
270C[4]
1
1
R/W
SPI port enable. Enables SPI interface on pins SEGDIO36 – SEGDIO39.
Requires that LCD_MAP[36-39] = 0.
SPI_SAFE
270C[3]
0
0
R/W
Limits SPI writes to SPI_CMD and a 16-byte region in DRAM. No other
writes are permitted.
SPI_STAT[7:0]
2708[7:0]
0
0
R
SPI_STAT contains the status results from the previous SPI transaction.
Bit 7: Ready error: The 71M654x was not ready to read or write as directed
by the previous command.
Bit 6: Read data parity: This bit is the parity of all bytes read from the
71M654x in the previous command. Does not include the SPI_STAT byte.
Bit 5: Write data parity: This bit is the overall parity of the bytes written to the
71M654x in the previous command. It includes CMD and ADDR bytes.
Bit 4-2: Bottom 3 bits of the byte count. Does not include ADDR and CMD
bytes. One, two, and three byte
instructions return 111.
Bit 1: SPI FLASH mode: This bit is zero when the TEST pin is zero.
Bit 0: SPI FLASH mode ready: Used in SPI FLASH mode. Indicates that the
flash is ready to receive another write instruction.
STEMP[10:3]
STEMP[2:0]
2881[7:0]
2882[7:5]
–
–
–
–
R
R
The result of the temperature measurement.
SUM_SAMPS[12:8]
SUM_SAMPS[7:0]
2107[4:0]
2108[7:0]
0
0
R/W
The number of multiplexer cycles per XFER_BUSY interrupt. Maximum value
is 8191 cycles.
TBYTE_BUSY
28A0[3]
0
0
R
Indicates that hardware is still writing the 0x28A0 byte. Additional writes to
this byte are locked out while it is one. Write duration could be as long as
6ms.
TEMP_22[10:8]
TEMP_22[7:0]
230A[2:0]
230B[7:0]
0
–
R
Storage location for STEMP at 22C. STEMP is an 11-bit word.
TEMP_BAT
28A0[4]
0
–
R/W
Causes VBAT to be measured whenever a temperature measurement is
performed.
TEMP_BSEL
28A0[7]
0
–
R/W
Selects which battery is monitored by the temperature sensor: 1 = VBAT,
0 = VBAT_RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com