Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D/F/G Datasheet(PDF) 124 Page - Maxim Integrated Products

Part # 71M6541D/F/G
Description  Energy Meter ICs
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D/F/G Datasheet(HTML) 124 Page - Maxim Integrated Products

Back Button 71M6541D/F/G Datasheet HTML 120Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 121Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 122Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 123Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 124Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 125Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 126Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 127Page - Maxim Integrated Products 71M6541D/F/G Datasheet HTML 128Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
124
Rev 5
Name
Location
Rst Wk
Dir
Description
TBYTE_BUSY
28A0[3]
0
0
R
Indicates that hardware is still writing the 0x28A0 byte. Additional writes to
this byte will be locked out while it is one. Write duration could be as long as
6ms.
TEMP_PER[2:0]
28A0[2:0]
0
–
R/W
Sets the period between temperature measurements. Automatic measurements
can be enabled in any mode (MSN, BRN, LCD, or SLP). TEMP_PER = 0
disables automatic temperature updates, in which case TEMP_START may be
used by the MPU to initiate a one-shot temperature measurement.
TEMP_PER
Time (seconds)
0
No temperature updates
1-6
2
(3+TEMP_PER)
7
Continuous updates
TEMP_PWR
28A0[6]
0
–
R/W
Selects the power source for the temp sensor:
1 = V3P3D, 0 = VBAT_RTC. This bit is ignored in SLP and LCD modes,
where the temp sensor is always powered by VBAT_RTC.
TEMP_START
28B4[6]
0
0
R/W
When TEMP_PER = 0 automatic temperature measurements are disabled,
and TEMP_START may be set by the MPU to initiate a one-shot temperature
measurement. TEMP_START is ignored in SLP and LCD modes. Hardware
clears TEMP_START when the temperature measurement is complete.
TMUX[5:0]
2502[5:0]
–
–
R/W Selects one of 32 signals for TMUXOUT. See 2.5.12 for details.
TMUX2[4:0]
2503[4:0]
–
–
R/W Selects one of 32 signals for TMUX2OUT. See 2.5.12 for details.
TMUXRA[2:0]
270A[2:0]
000000 R/W The TMUX setting for the remote isolated sensor (71M6x01).
VERSION[7:0]
2706[7:0]
–
–
R
The silicon version index. This word may be read by firmware to determine
the silicon version.
VERSION[7:0]
Silicon Version
0001 0011
0010 0010
B01
B02
VREF_CAL
2704[7]
0
0
R/W
Brings the ADC reference voltage out to the VREF pin. This feature is disabled
when VREF_DIS=1.
VREF_DIS
2704[6]
0
1
R/W Disables the internal ADC voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com