Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 179 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 179 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 175Page - SONiX Technology Company SN8F5708 Datasheet HTML 176Page - SONiX Technology Company SN8F5708 Datasheet HTML 177Page - SONiX Technology Company SN8F5708 Datasheet HTML 178Page - SONiX Technology Company SN8F5708 Datasheet HTML 179Page - SONiX Technology Company SN8F5708 Datasheet HTML 180Page - SONiX Technology Company SN8F5708 Datasheet HTML 181Page - SONiX Technology Company SN8F5708 Datasheet HTML 182Page - SONiX Technology Company SN8F5708 Datasheet HTML 183Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
SN8F5708 Starter-Kit
Datasheet Rev. 2.4
179
27 SN8F5708 Starter-Kit
SN8F5000 Starter-Kit provides easy-development platform. It includes SN8F5000 family real chip
and I/O connectors to input signal or drive device of user’s application. It is a simple platform to
develop application as target board not ready. The Starter-Kit can be replaced by target board,
because SN8F5000 family integrates embedded ICE in-circuit debugger circuitry.
27.1
Configurations of Circuit
These configurations must be setup completely before starting Starter-Kit developing.
1.
Confirm to the circuit board whether elements are complete.
2.
The power source of Starter-Kit circuit is chosen from 5.0V, 3.3V, external power or Micro USB
via jumper.
3.
The power source comes from 5.0V or 3.3V which must be connect to DC 7.5V power adapter.
4.
If the power source is chosen from external power, then external power source connects to
EXT pin.
5.
The “RST” pin needs to connect pull high resister to VDD when external reset is chosen to use.
6.
The “XIN” pin and the “XOUT” pin need to connect crystal/resonator oscillator components
when system clock is setting crystal or RTC mode.
7.
The “XIN” pin needs to connect external clock source when system clock is setting external
clock input mode.
8.
The Debug Port can connect SN-LINK Adapter for emulation or download code.
9.
The MCU LED will light up and SN8F5000 family chip will be connected to power when power
(VDD) is switched on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com