Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 180 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 180 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 176Page - SONiX Technology Company SN8F5708 Datasheet HTML 177Page - SONiX Technology Company SN8F5708 Datasheet HTML 178Page - SONiX Technology Company SN8F5708 Datasheet HTML 179Page - SONiX Technology Company SN8F5708 Datasheet HTML 180Page - SONiX Technology Company SN8F5708 Datasheet HTML 181Page - SONiX Technology Company SN8F5708 Datasheet HTML 182Page - SONiX Technology Company SN8F5708 Datasheet HTML 183Page - SONiX Technology Company SN8F5708 Datasheet HTML 184Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
SN8F5708 Starter-Kit
Datasheet Rev. 2.4
180
27.2
Schematic
C37
0.1 uF
D11
1N4001
C33
0.1 uF
SW21
CON4
1
2
3
4
R51
10 kOhm
C30
0.1 uF
R11
470 Ohm
C14
0.1 uF
J35
Port 5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SW11
1
2
C52
0.1 uF
C42
47 uF
C11
10 uF
C38
0.1 uF
C20
0.1 uF
C34
0.1 uF
J22
CON2
1
2
Y21
CRYSTAL
D12
LED
J34
Port 4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
J51
PWM IN
1
2
C22
N/A
C43
0.1 uF
J13
1
2
3
4
R22
2 kOhm
C15
10 uF
J14
1
2
3
4
5
6
C39
0.1 uF
R52
10 kOhm
J15
1
2
3
4
D51
1N4148
J11
DC 7.5V
1
3
J33
Port 3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C35
0.1 uF
C12
0.1 uF
U21
SN8F5708F
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
25
25
26
26
27
27
28
28
29
29
30
30
31
31
32
32
33
33
34
34
35
35
36
36
C31
0.1 uF
J30
Port 0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C23
N/A
J12
1
2
J32
Port 2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
C21
N/A
C51
20 pF
R23
2 kOhm
C44
47 uF
R53
1 MOhm
C40
0.1 uF
C36
0.1 uF
J31
Port 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
J21
Debug Port
1
2
3
4
5
6
7
8
C32
0.1 uF
C13
0.1 uF
U11
LM78L05ACZ
VIN
1
VOUT
3
C45
0.1 uF
C41
0.1 uF
U12
REG1117-33
VIN
3
VOUT
2
R21
47 kOhm
VDD5
VDD33
VDD
VDD5
VDD33
P05
P06
P07
P10
P11
P12
P13
P14
P15
P16
P17
P20
P32
P31
P30
P53
P52
P51
P50
P47
P46
P45
P44
P43
VDD
VDD
VDD
P00
VDD
P14
P15
P00
P01
P02
P03
P04
P05
P06
P10
P11
P12
P13
P14
P15
P16
P20
P21
P22
P23
P24
P25
P26
P30
P31
P32
P33
P34
P35
P36
P00
P01
P02
P03
P04
P05
P06
P10
P11
P12
P13
P14
P15
P16
P20
P21
P22
P23
P24
P25
P26
P30
P31
P32
P33
P34
P35
P36
P40
P41
P42
P43
P44
P45
P46
P50
P51
P52
P53
P54
P55
P40
P41
P42
P43
P44
P45
P46
P50
P51
P52
P53
P54
P55
P07
P17
P27
P37
P07
P17
P27
P37
P47
P47
P40
AIN0
P41
AIN1
P42
AIN2
P43
AIN3
P44
AIN4
P46
AIN6
P50
AIN8
P53
AIN11
P54
AVREFH
P45
AIN5
P47
AIN7
P51
AIN9
P52
AIN10
P55
CA2
CA1
P54
P55
AVREFL
VDD_EXT
P01
P02
P02
P40
IHRC
P14
IHRC
Power Source
Microcontroller
GPIO Interface
A/D Converter
Touch Sensing Reference Design
27.3
Floor Plan of PCB layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com