| Electronic Components Datasheet Search |
|
R5F3640MNFB Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F3640MNFB Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 398 page ![]() REJ09B0392-0064 Rev.0.64 Oct 12, 2007 Page 12 of 373 M16C/64 Group 1. Overview Under development Preliminary Specification Specification in this preliminary version is subject to change. NOTES: 1. Consult the oscillator manufacturer regarding the oscillation characteristics. 2. TXD2, SDA2, and SCL2 are N-channel open-drain output pins. TXDi (i = 0, 1, 5 to 7), SDAi, and SCLi can be selected as CMOS output pins or N-channel open-drain output pins by a program. Table 1.7 Pin Functions (2) Signal Name Pin Name I/O Power Supply Description Main clock input XIN I VCC1 I/O pins for the main clock oscillation circuit. Connect a ceramic resonator or crystal oscillator between XIN and XOUT(1). To apply an external clock, connect it to XIN and leave XOUT open. Main clock output XOUT O VCC1 Sub clock input XCIN I VCC1 I/O pins for a sub clock oscillation circuit. Connect a crystal oscillator between XCIN and XCOUT (1). To apply an external clock, connect it to XCIN and leave XCOUT open Sub clock output XCOUT O VCC1 BCLK output BCLK O VCC2 Output pin for BCLK signal Clock output CLKOUT O VCC2 This pin outputs the clock having the same frequency as fC, f8, or f32 INT interrupt input INT0 to INT2 I VCC1 Low active input pins for INT interrupt INT3 to INT7 I VCC2 NMI interrupt input NMI I VCC1 Low active input pin for NMI interrupt Key input interrupt input KI0 to KI3 I VCC1 Low active input pins for key input interrupt Timer A TA0OUT to TA4OUT I/O VCC1 Timer A0 to A4 I/O pins (TA0OUT as an output pin is N-channel open drain output) TA0IN to TA4IN I VCC1 Timer A0 to A4 input pins ZP I VCC1 Input pin for Z-phase Timer B TB0IN to TB5IN I VCC1 Timer B0 to B5 input pins Three-phase motor control timer U, U, V, V, W, W O VCC1 Output pins for three-phase motor control timer output SD I VCC1 Input pin for three-phase motor control timer input Serial interface UART0 to UART2, UART5 to UART7 CTS0 to CTS2, CTS5 I VCC1 Input pins to control data transmission CTS6, CTS7 I VCC2 RTS0 to RTS2, RTS5 O VCC1 Output pins to control data reception RTS6, RTS7 O VCC2 CLK0 to CLK2, CLK5 I/O VCC1 Transfer clock I/O pins CLK6, CLK7 I/O VCC2 RXD0 to RXD2 , RXD5 I VCC1 Serial data input pins RXD6, RXD7 I VCC2 TXD0 to TXD2 , TXD5 O VCC1 Serial data output pins(2) TXD6, TXD7 O VCC2 CLKS1 O VCC1 Output pin for transfer clock multiple-pin output func- tion |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |