Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 20Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 21Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 22Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 26Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 27Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 3 of 373
M16C/64 Group
1. Overview
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
Table 1.2
Specifications (2)
Item
Function
Specification
A/D Converter
10-bit resolution × 26 channels, including sample and hold function,
Conversion time: 1.72 µs
D/A Converter
8-bit resolution × 2
CRC Calculation Circuit
CRC-CCITT (X16 + X12 + X5 + 1) compliant
Flash Memory
Programming and erasure power supply voltage: 2.7 V to 5.5 V
Programming and erasure endurance: 100 times
Program security: ROM code protect, ID code check
Debug Function
Functions on-chip debug, on-board flash rewrite function, address match × 4
Operation Frequency/Supply Voltage
25 MHz/VCC1 = VCC2 = 2.7 to 5.5 V
Power Consumption
20 mA (25 MHz/VCC1 = VCC2 = 3 V)
3.0 µA(VCC1 = VCC2 = 3 V, in stop mode)
Operating Temperature
-20°C to 85°C, -40°C to 85°C
Package
100-pin QFP: PRQP0100JD-B (Previous package code: 100P6F-A)
100-pin LQFP: PLQP0100KB-A (Previous package code: 100P6Q-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com