Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 61Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 62Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 63Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 64Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 65Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 66Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 67Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 68Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 44 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
6. Voltage Detection Circuit
Figure 6.8
Low Voltage Detection Interrupt Generation Circuit Operation Example
6.3
Limitations on Exiting Stop Mode
The low voltage detection interrupt is immediately generated and the microcomputer exits stop mode if
the CM10 bit in the CM1 register is set to 1 (stop mode) under the conditions below.
• the VC27 bit in the VCR2 register is set to 1 (low voltage detection circuit enabled)
• the D40 bit in the D4INT register is set to 1 (low voltage detection interrupt enabled)
• the D41 bit in the D4INT register is set to 1 (low voltage detection interrupt is used to exit stop mode)
• the voltage applied to the VCC1 pin is higher than Vdet2 (the VC13 bit in the VCR1 register is 1)
If the microcomputer is set to enter stop mode when the voltage applied to the VCC1 pin drops below
Vdet2 and to exit stop mode when the voltage applied rises to Vdet2 or above, set the CM10 bit to 1 when
VC13 bit is 0 (VCC1 < Vdet2).
6.4
Limitations on Exiting Wait Mode
The low voltage detection interrupt is immediately generated and the microcomputer exits wait mode If
WAIT instruction is executed under the conditions below.
• the CM02 bit in the CM0 register is set to 1 (stop peripheral function clock)
• the VC27 bit in the VCR2 register is set to 1 (low voltage detection circuit enabled)
• the D40 bit in the D4INT register is set to 1 (low voltage detection interrupt enabled)
• the D41 bit in the D4INT register is set to 1 (low voltage detection interrupt is used to exit wait mode)
• the voltage applied to the VCC1 pin is higher than Vdet2 (the VC13 bit in the VCR1 register is 1)
If the microcomputer is set to enter wait mode when the voltage applied to the VCC1 pin drops below
Vdet2 and to exit wait mode when the voltage applied rises to Vdet2 or above, perform WAIT instruc-
tion when the VC13 bit is 0 (VCC1 < Vdet2).
Output of the digital filter (2)
D42 bit
NOTES :
1. The D40 bit is set to 1 (low voltage detection interrupt enabled).
2. Output of the digital filter is shown in Figure 6.7.
Low voltage detection interrupt signal
No low voltage detection
interrupt signals are generated
when the D42 bit is “H.”
Sampling
Sampling
Sampling
Sampling
Set the D42 bit to 0 (not
detected) by program.
VC13 bit
VCC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com