Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 65Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 66Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 67Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 68Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 69Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 70Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 48 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
7. Processor Mode
Figure 7.1
PM0 Register
b7 b6 b5 b4
b1
b2
b3
Processor Mode Register 0 (1)
Symbol
PM0
Address
0004h
Bit Symbol
Bit Name
RW
PM00
After Reset (4)
00000000b (CNVSS pin = “L”)
00000011b (CNVSS pin = “H”)
RW
1. Write to this register after setting the PRC1 bit in the PRCR register to 1 (write enabled).
2. Bits PM02, and PM04 to PM07 are effective when bits PM01 and PM00 are set to 01b (memory expansion mode) or 11b
(microprocessor mode).
3. To set bits PM01 and PM00 to 01b and bits PM05 and PM04 to 11b (multiplexed bus assigned to the entire CS space),
apply an “H” signal to the BYTE pin (external data bus is 8 bits wide). While the CNVSS pin is held “H” (= VCC1), do not
rewrite the PM05 and PM04 bits to 11b after reset. If bits PM05 and PM04 are set to 11b during memory expansion
mode, P3_1 to P3_7 and P4_0 to P4_3 become I/O ports, in which case the accessible area for each CS is 256 bytes.
4. Bits PM01 and PM00 do not change at software reset, watchdog timer reset, and oscillation stop detection reset.
b0
Function
b1 b0
0
0 : Single-chip mode
0
1 : Memory expansion mode
1
0 : Do not set
1
1 : Microprocessor mode
Processor mode bit (4)
PM01
PM02
R/W mode select bit (2)
0 : RD, BHE, WR
1 : RD, WRH, WRL
PM03
Software reset bit
Setting this bit to 1 resets the
microcomputer. Read as 0
RW
RW
RW
BCLK output disable bit (2)
PM07
0 : BCLK is output
1 : BCLK is not output
(pin is left high-impedance)
RW
PM06
Port P4_0 to P4_3 function
select bit (2)
0 : Address output
1 : Port function (address is not output)
RW
PM04
Multiplexed bus space select
bit (2)
b5 b4
0
0 : Multiplexed bus is unused
(separate bus in the entire CS space)
0
1 : Allocated to CS2 space
1
0 : Allocated to CS1 space
1
1 : Allocated to the entire CS space (3)
PM05
RW
RW
NOTES :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com