Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 78Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 79Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 80Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 81Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 57 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
8. Bus
8.2.4
Read and Write Signals
When the data bus is 16 bits wide, the read and write signals can be chosen to be a combination of
RD,
BHE, and, WR or a combination of RD, WRL, and WRH by using the PM02 bit in the PM0 register.
When the data bus is 8 bits wide, use a combination of
RD, WR, and BHE.
Table 8.3 shows the Operation of
RD, WRL, and WRH Signals. Table 8.4 shows the Operation of RD,
WR, and BHE Signals.
NOTE:
1.
Do not use.
8.2.5
ALE Signal
The ALE signal latches the address when accessing the multiplexed bus space. Latch the address
when the ALE signal falls.
Figure 8.3
ALE Signal, Address Bus, Data Bus
Table 8.3
Operation of
RD, WRL, and WRH Signals
Data Bus Width
RD
WRL
WRH
Status of External Data Bus
16-bit
(BYTE pin input = “L”)
L
H
H
Read data
H
L
H
Write 1 byte of data to an even address
H
H
L
Write 1 byte of data to an odd address
H
L
L
Write data to both even and odd addresses
Table 8.4
Operation of
RD, WR, and BHE Signals
Data Bus
Width
RD
WR
BHE
A0
Status of External Data Bus
16-bit
(BYTE pin
input = “L”)
H
L
L
H
Write 1 byte of data to an odd address
L
H
L
H
Read 1 byte of data from an odd address
H
L
H
L
Write 1 byte of data to an even address
L
H
H
L
Read 1 byte of data from an even address
H
L
L
L
Write data to both even and odd addresses
L
H
L
L
Read data from both even and odd addresses
8-bit
(BYTE pin
input = “H”)
HL
− (1)
H or L Write 1 byte of data
LH
− (1)
H or L Read 1 byte of data
When BYTE pin input = “H”
When BYTE pin input = “L”
ALE
Address
Data
Address (1)
A0/D0 to A7/D7
A8 to A19
ALE
Address
Data
Address
A1/D0 to A8/D7
A9 to A19
Address
A0
NOTE :
1.
If the entire CS space is assigned a multiplexed bus, these pins function as I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com