Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 59Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 60Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 61Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 62Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 63Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 64Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 65Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 66Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 42 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
6. Voltage Detection Circuit
Figure 6.6
Brown-out Reset Operation Example
6.2
Low Voltage Detection Interrupt
If the D40 bit in the D4INT register is set to 1 (low voltage detection interrupt enabled), the low voltage
detection interrupt request is generated when the voltage applied to the VCC1 pin is above or below
Vdet2. The low voltage detection interrupt shares the same interrupt vector with the watchdog timer inter-
rupt, oscillation stop, and re-oscillation detection interrupt.
Set the D41 bit in the D4INT register to 1 (enabled) to use the low voltage detection interrupt to exit stop
mode.
The D42 bit in the D4INT register is set to 1 as soon as the voltage applied to the VCC1 pin reaches
Vdet2 due to the voltage rise and voltage drop. When the D42 bit changes 0 to 1, the low voltage detec-
tion interrupt request is generated. Set the D42 bit to 0 by program. However, when the D41 bit is set to 1
and the microcomputer is in stop mode, the low voltage detection interrupt request is generated regard-
less of the D42 bit state if the voltage applied to the VCC1 pin is detected to be above Vdet2. The micro-
computer then exits stop mode.
Table 6.2 shows Low Voltage Detection Interrupt Request Generation Conditions.
Bits DF1 to DF0 in the D4INT register determine the sampling period that detects the voltage applied to
the VCC1 pin reaches Vdet2. Table 6.3 shows the Sampling Periods.
Vdet0
Internal reset signal
VCC
The above diagram shows an instance in which the following conditions are all met.
•The VC25 bit in the VCR2 register = 1 (voltage detection 0 circuit enabled)
•The VW0C0 bit in the VW0C register = 1 (brown-out reset enabled)
Pins, the CPU, and SFRs are initialized when the internal reset signal becomes low.
The microcomputer executes the program in an address indicated by the reset vector when the internal reset signal changes low
to high.
Refer to 4. SFRs for the SFR status after reset.
1
fOCO-S ×32
Digital filter sampling clock
×4 cycles
When the VW0C1 bit is 0
(digital filter enabled)
Internal reset signal
When the VW0C1 bit is 1
(digital filter disabled)
1
fOCO-S×
32
VW0C1 = the bit in the VW0C register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com