| Electronic Components Datasheet Search |
|
R5F3640MNFB Datasheet(PDF) 79 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F3640MNFB Datasheet(HTML) 79 Page - Renesas Technology Corp |
|
79 / 398 page ![]() REJ09B0392-0064 Rev.0.64 Oct 12, 2007 Page 58 of 373 Under development Preliminary Specification Specification in this preliminary version is subject to change. M16C/64 Group 8. Bus 8.2.6 RDY Signal This signal is provided for accessing external devices which need to be accessed at low speed. If input on the RDY pin is low at the last falling edge of BCLK of the bus cycle, one wait state is inserted in the bus cycle. While in a wait state, the following signals retain the state in which they were when the RDY signal was acknowledged. A0 to A19, D0 to D15, CS0 to CS3, RD, WRL, WRH, WR, BHE, ALE, HLDA Then, when the input on the RDY pin is detected high at the falling edge of BCLK, the remaining bus cycle is executed. Figure 8.4 shows Examples in which the Wait State was Inserted into Read Cycle by RDY Signal. To use the RDY signal, set the corresponding bit (bits CS3W to CS0W) in the CSR regis- ter to 0 (with wait state). When not using the RDY signal, the RDY pin need to be pulled-up. Figure 8.4 Examples in Which Wait State Was Inserted into Read Cycle by RDY Signal BCLK RD CSi (i = 0 to 3) RDY tsu (RDY-BCLK) BCLK RD CSi (i = 0 to 3) RDY tsu (RDY-BCLK) In an instance of separate bus In an instance of multiplexed bus Accept timing of RDY signal Accept timing of RDY signal tsu (RDY - BCLK) : Wait using software : Wait using RDY signal : Duration for RDY input setup Shown above is the case where bits CSEi1W to CSEi0W (i = 0 to 3) in the CSE register are 00b (one wait state). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |