Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 84Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 85Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 86Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 87Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 88Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 89Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 90Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 91Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 67 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
9. Memory Space Expansion Function
Figure 9.1
DBR Register
No register bits. If necessary, set to 0. Read as 0
b7 b6 b5 b4
b1
b2
b3
Data Bank Register (1)
Symbol
DBR
Address
000Bh
Bit Symbol
Bit Name
RW
After Reset
00h
b0
Function
RW
1. Effective when bits PM01 and PM00 in the PM0 register are set to 01b (memory expansion mode) or 11b
(microprocessor mode).
BSR0
Bank selection bits
—
(b1-b0)
—
OFS
RW
—
(b7-b6)
—
Offset bit
0 : Not offset
1 : Offset
RW
BSR1
RW
BSR2
b5 b4 b3
0 0 0 : Bank 0
0 1 0 : Bank 2
1 0 0 : Bank 4
1 1 0 : Bank 6
b5 b4 b3
0 0 1 : Bank 1
0 1 1 : Bank 3
1 0 1 : Bank 5
1 1 1 : Bank 7
No register bits. If necessary, set to 0. Read as 0
NOTE :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com