| Electronic Components Datasheet Search |
|
R5F3640MNFB Datasheet(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F3640MNFB Datasheet(HTML) 34 Page - Renesas Technology Corp |
|
34 / 398 page ![]() REJ09B0392-0064 Rev.0.64 Oct 12, 2007 Page 13 of 373 M16C/64 Group 1. Overview Under development Preliminary Specification Specification in this preliminary version is subject to change. NOTE: 1. TXD2, SDA2, and SCL2 are N-channel open drain output pins. TXDi (i = 0, 1, 5 to 7), SDAi, SCLi can be selected as CMOS output pin or N-channel open drain output pin by program. Table 1.8 Pin Functions (3) Signal Name Pin Name I/O Power Sup- ply Description UART0 to UART2, UART5 to UART7 I2C mode SDA0 to SDA2, SDA5 I/O VCC1 Serial data I/O pins (1) SDA6, SDA7 I/O VCC2 SCL0 to SCL2, SCL5 I/O VCC1 Transfer clock I/O pins (1) SCL6, SCL7 I/O VCC2 Serial interface SI/03, SI/04 CLKS3, CLKS4 I/O VCC1 Transfer clock I/O pins SIN3, SIN4 I VCC1 Serial data input pins SOUT3, SOUT4 O VCC1 Serial data output pins Reference voltage input VREF I VCC1 Reference voltage input pins for the A/D converter and D/A converter. Connect to VCC1. A/D converter AN0 to AN7 I VCC1 Analog input pins for the A/D converter AN0_0 to AN0_7 AN2_0 to AN2_7 I VCC2 ADTRG I VCC1 Input pin for an external A/D trigger ANEX0, ANEX1 I VCC1 Extended analog input pin for the A/D converter D/A converter DA0, DA1 O VCC1 Output pin for the D/A converter I/O port P0_0 to P0_7 P1_0 to P1_7 P2_0 to P2_7 P3_0 to P3_7 P4_0 to P4_7 P5_0 to P5_7 I/O VCC2 8-bit CMOS I/O ports. A direction register determines whether each pin is used as an input port or an output port. A pull-up resistor may be enabled or disabled for input ports in 4-bit units. P6_0 to P6_7 P7_0 to P7_7 P8_0 to P8_7 P9_0 to P9_7 P10_0 to P10_7 I/O VCC1 8-bit I/O ports having equivalent functions to P0. However, P7_0, P7_1, and P8_5 are N-channel open-drain output ports. No pull-up resistor is provided. P8_5 is an input port for verifying the NMI pin level and shares a pin with NMI. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |