Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 44Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 45Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 46Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 47Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 48Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 49Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 50Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 51Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 27 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
4. Special Function Registers (SFRs)
NOTE:
X: Undefined
1.
The blank areas are reserved and cannot be accessed by users.
Table 4.10
SFR Information (10) (1)
Address
Register
Symbol
After Reset
02E0h
02E1h
02E2h
02E3h
02E4h
02E5h
02E6h
02E7h
02E8h
02E9h
02EAh
02EBh
02ECh
02EDh
02EEh
02EFh
02F0h
02F1h
02F2h
02F3h
02F4h
02F5h
02F6h
02F7h
02F8h
02F9h
02FAh
02FBh
02FCh
02FDh
02FEh
02FFh
0300h
Timer B3,4,5 Count Start Flag
TBSR
000XXXXXb
0301h
0302h
Timer A1-1 Register
TA11
XXh
0303h
XXh
0304h
Timer A2-1 Register
TA21
XXh
0305h
XXh
0306h
Timer A4-1 Register
TA41
XXh
0307h
XXh
0308h
Three-Phase PWM Control Register 0
INVC0
00h
0309h
Three-Phase PWM Control Register 1
INVC1
00h
030Ah
Three-Phase Output Buffer Register 0
IDB0
XX111111b
030Bh
Three-Phase Output Buffer Register 1
IDB1
XX111111b
030Ch
Dead Time Timer
DTT
XXh
030Dh
Timer B2 Interrupt Generation Frequency Set Counter
ICTB2
XXh
030Eh
030Fh
0310h
Timer B3 Register
TB3
XXh
0311h
XXh
0312h
Timer B4 Register
TB4
XXh
0313h
XXh
0314h
Timer B5 Register
TB5
XXh
0315h
XXh
0316h
0317h
0318h
0319h
031Ah
031Bh
Timer B3 Mode Register
TB3MR
00XX0000b
031Ch
Timer B4 Mode Register
TB4MR
00XX0000b
031Dh
Timer B5 Mode Register
TB5MR
00XX0000b
031Eh
031Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com