Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 63Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 64Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 65Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 66Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 67Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 68Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 69Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 70Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 46 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
6. Voltage Detection Circuit
Figure 6.10
RSTFR Register
b7
0 0
b6 b5 b4
b1
b2
b3
Reset Source Determine Flag
Symbol
RSTFR
Address
0018h
Bit Symbol
Bit Name
RW
CWR
After Reset
0XXXXXXXb (1)
RW
b0
Function
Cold start-up / warm start
determine flag (2, 3)
—
(b5-b1)
RO
RW
Read as undefined value
Reserved bits
Set to 0
Reserved bits
—
(b7-b6)
1. The CWR bit is set to 0 (cold start-up) after power activation or brown-out reset. The CWR bit remains unchanged
after hardware reset 1, software reset, watchdog timer reset, or oscillation stop detection reset.
2. The CWR bit is set to 1 by writing a 1 in a program (writing a 0 has no effect).
3. The CWR bit is undefined when the VW0C0 bit in the VW0C register is set to 0 (brown-out reset disabled).
0 : Cold start-up
1 : Warm start-up
NOTES :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com