Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 18Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 19Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 20Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 21Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 22Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 1 of 373
M16C/64 Group
RENESAS MCU
PRELIMINARY
1.
Overview
1.1
Features
The M16C/64 Group MCUs incorporate the M16C/60 Series CPU core and flash memory, employing
sophisticated instructions for a high level of efficiency. With 1 Mbyte of address space (expandable to 4
Mbyte), this MCU is capable of executing instructions at high speed. In addiditon, the CPU core boasts a
multiplier for high-speed operation processing.
Power consumption is low, and the M16C/64 Group supports operating modes that allow additional power
control. The MCU also uses an anti-noise configuration to reduce emissions of electromagnetic noise and
is designed to withstand EMI. Integration of many peripheral functions, including multifunction timer and
serial interface, reduces the number of system components.
1.1.1
Applications
Audio, cameras, television, home appliance, office equipment, communication equipment, portable
equipment, industrial equipment, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com