Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 49Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 50Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 51Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 52Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 53Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 54Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 55Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 56Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 32 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
5. Reset
5.
Reset
Hardware reset 1, brown-out reset, software reset, watchdog timer reset and oscillation stop detection reset
are available to reset the microcomputer.
5.1
Hardware Reset 1
The microcomputer resets pins, the CPU, and SFR by setting the
RESET pin. If the supply voltage meets
the recommended operating conditions, the microcomputer resets all pins, the CPU, and SFR when an
“L” signal is applied to the
RESET pin (see Table 5.1 “Pin Status When RESET Pin Level is “L””).
When the signal applied to the
RESET pin changes low (“L”) to high (“H”), the microcomputer executes
the program in an address indicated by the reset vector. The 125 kHz on-chip oscillator clock divided by 8
is automatically selected as a CPU clock after reset.
Refer to 4. “Special Function Registers (SFRs)” for SFR states after reset.
The internal RAM is not reset. When an “L” signal is applied to the
RESET pin while writing data to the
internal RAM, the internal RAM is in an indeterminate state.
Figure 5.1 shows an Example Reset Circuit. Figure 5.2 shows a Reset Sequence. Table 5.1 lists Pin Sta-
tus When
RESET Pin Level is “L”.
5.1.1
Reset on a Stable Supply Voltage
(1) Apply “L” to the
RESET pin
(2) Wait for 1/fOCO-S × 20
(3) Apply an “H” signal to the
RESET pin
5.1.2
Power-on Reset
(1) Apply “L” to the
RESET pin
(2) Raise the supply voltage to the recommended operating level
(3) Insert td(P-R) ms as wait time for the internal voltage to stabilize
(4) Wait for 1/fOCO-S × 20
(5) Apply “H” to the
RESET pin
Figure 5.1
Example Reset Circuit
RESET
VCC1
RESET
VCC1
0V
0V
Recommended
operation
voltage
td (P-R)+
x 20 or above
0.2 VCC1 or below
0.2 VCC1 or below
1
fOCO - S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com