Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MNFB Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R5F3640MNFB
Description  RENESAS MCU M16C FAMILY / M16C/60 SERIES
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MNFB Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R5F3640MNFB Datasheet HTML 60Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 61Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 62Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 63Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 64Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 65Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 66Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 67Page - Renesas Technology Corp R5F3640MNFB Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 398 page
background image
REJ09B0392-0064 Rev.0.64
Oct 12, 2007
Page 43 of 373
Under development
Preliminary Specification
Specification in this preliminary version is subject to change.
M16C/64 Group
6. Voltage Detection Circuit
- indicates either 0 or 1 is settable.
NOTE:
1.
The status except wait mode and stop mode is handled as normal mode. (Refer to 10. “Clock Gen-
eration Circuit”
)
2.
Refer to 6.3 “Limitations on Exiting Stop Mode” and 6.4 “Limitations on Exiting Wait Mode”.
3.
An interrupt request for voltage reduction is generated after the value of the VC13 bit changes and a
sampling time elapses. See Figure 6.8 “Low Voltage Detection Interrupt Generation Circuit
Operation Example”
for details.
Figure 6.7
Low Voltage detection Interrupt Generation Block Diagram
Table 6.2
Low Voltage Detection Interrupt Request Generation Conditions
Operating Mode
VC27 Bit
D40 Bit
D41 Bit
D42 Bit
CM02 Bit
VC13 Bit
Normal Operating Mode (1)
11
-
0 to 1
-
0 to 1 (3)
1 to 0 (3)
Wait Mode (2)
-
0 to 1
0
0 to 1 (3)
1 to 0 (3)
-
1
0 to 1
Stop Mode (2)
1
-
0
0 to 1
Table 6.3
Sampling Periods
CPU Clock
(D4INT clock)
(MHz)
Sampling Clock (
μs)
DF1 to DF0 = 00
(CPU clock divided by 8)
DF1 to DF0 = 01
(CPU clock divided by 16)
DF1 to DF0 = 10
(CPU clock divided by 32)
DF1 to DF0 = 11
(CPU clock divided by 64)
16
3.0
6.0
12.0
24.0
Low voltage detection interrupt generation circuit
Watchdog timer
interrupt signal
The D42 bit is set to 0 (not
detected) by program. When the
VC27 bit is set to 0 (low voltage
detection circuit disabled), the
D42 bit is set to 0.
VC27
VC13
Low voltage detection circuit
D4INT clock
(the clock with
which it operates
also in wait mode)
D42
DF1, DF0
1/2
00b
01b
10b
11b
1/2
1/2
1/8
Non-maskable
interrupt sognal
Oscillation stop,
re-oscillation
detection interrupt
signal
Low voltage
detection
interrupt signal
Watchdog timer block
This bit is set to 0 (not detected) by program.
Watchdog timer
underflow signal
D43
D41
CM02
WAIT instruction (wait mode)
D40
VCC1
VREF
+
-
Noise
rejection
(Rejection range : 200 ns)
Low voltage
detection
signal
The low voltage detection
signal becomes “H” when the
VC27 bit is set to 0
(disabled).
Noise
rejection
circuit
Digital
filter
CM10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com